Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK183 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK183
Description  DUAL HIGH VOLTAGE/ HIGH CURRENT OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK183 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK183 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK183 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK183 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK183 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK183 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK183 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK183 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK183 Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
FEATURES:
MSK185 Replaces APEX PA26
MSK184 Replaces APEX PA21
Available to DSCC SMD 5962-92152
Space Efficient Dual Amplifiers
High Voltage Operation:
Single Supply: +8V to +60V
Dual Supply: ±4V to±30V
High Output Current: 3 Amp Continuous per amplifier
High Speed: 10V/µS
Low Quiescent Current: 20 mA per amplifier Typ.
Adjustable Current Limits
Thermal Shutdown
Enable/Status Pin For Output Disable Control
MIL-PRF-38534 CERTIFIED
182/183/
184/185
ISO-9001 CERTIFIED BY DSCC
Servo Driver
Actuator Driver
Audio Amplifier
Power Supplies
Bridge Amps
Stereo Amps
M.S.KENNEDY CORP.
MSK182
DESCRIPTION:
The MSK 182, 183, 184 and 185 are dual high power monolithic operational amplifiers ideal for use with a wide
variety of loads.
With operation from either single or dual supplies, they offer excellent design flexibility. Power
dissipation is kept to a minimum with a quiescent current rating of only 20mA per amplifier, while 3 Amps of
continuous available output current makes them a very good low cost choice for motor drive circuits and audio
amplification. The design is internally protected against current overloads and overtemperature conditions. On the
MSK 182 and MSK 183, current limit can also be user-selected through the use of a resistor/potentiometer or voltage
out/current out DAC. The MSK 182 is packaged in a hermetically sealed 14 pin power DIP with bolt down tabs for
applications that require heat sinking. The MSK 183 is packaged in a low cost ceramic SIP and the MSK 184 is
packaged in a TO-3. The MSK 185 is packaged in a hermetically sealed 12 pin SIP flatpack with mounting studs.
TYPICAL APPLICATIONS
Rev. I 3/04
1
MSK183
DUAL HIGH VOLTAGE/
HIGH CURRENT
OPERATIONAL AMPLIFIER
MSK184
MSK185
(IN DEVELOPMENT)


Similar Part No. - MSK183

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK183 ANAREN-MSK183 Datasheet
237Kb / 9P
DUAL HIGH VOLTAGE
MSK183G ANAREN-MSK183G Datasheet
237Kb / 9P
DUAL HIGH VOLTAGE
More results

Similar Description - MSK183

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4556A NJRC-NJM4556A Datasheet
239Kb / 5P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2544 BURR-BROWN-OPA2544 Datasheet
101Kb / 8P
High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
186HU ETC1-186HU Datasheet
382Kb / 6P
DUAL HIGH VOLTAGE/VERY HIGH CURRENT OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK186 MSK-MSK186 Datasheet
621Kb / 6P
DUAL HIGH VOLTAGE/ VERY HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Agamem Microelectronic ...
AA4556 AGAMEM-AA4556 Datasheet
99Kb / 4P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
3308 UTC-3308_09 Datasheet
250Kb / 6P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
3308 UTC-3308_15 Datasheet
253Kb / 6P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2544 TI1-OPA2544 Datasheet
115Kb / 10P
High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com