Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASILUFC5 Datasheet(PDF) 2 Page - Schneider Electric

Part # ASILUFC5
Description  AS-Interface communication module, TeSys Ultra, 24VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ASILUFC5 Datasheet(HTML) 2 Page - Schneider Electric

  ASILUFC5 Datasheet HTML 1Page - Schneider Electric ASILUFC5 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Output screw clamp terminals 2 0.00…0.00 in² (0.25…0.34 mm²)flexible with cable end
Output screw clamp terminals 2 0.00 in² (0.5 mm²)flexible with cable end
Tightening torque
Input 4.43…5.31 lbf.in (0.5…0.6 N.m) 0.14 in (3.5 mm)
Output 1.77…2.21 lbf.in (0.2…0.25 N.m) 0.10 in (2.5 mm)
Environment
IP degree of protection
IP20 conforming to IEC 60529
Ordering and shipping details
Category
22398-TESYS U - MULTI-FCTN CTRL MOD(LUCM)
Discount Schedule
I11
GTIN
3389110365801
Nbr. of units in pkg.
1
Package weight(Lbs)
2.15 oz (61.0 g)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.34 in (3.4 cm)
Package 1 width
1.93 in (4.9 cm)
Package 1 Length
3.70 in (9.4 cm)
Unit Type of Package 2
S01
Number of Units in Package 2
20
Package 2 Weight
3.12 lb(US) (1.415 kg)
Package 2 Height
5.91 in (15 cm)
Package 2 width
5.91 in (15 cm)
Package 2 Length
15.75 in (40 cm)
Offer Sustainability
California proposition 65
WARNING: Cancer - www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
Contractual warranty
Warranty
18 months
2
May 11, 2022



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com