Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASILUFC5 Datasheet(PDF) 1 Page - Schneider Electric

Part # ASILUFC5
Description  AS-Interface communication module, TeSys Ultra, 24VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ASILUFC5 Datasheet(HTML) 1 Page - Schneider Electric

  ASILUFC5 Datasheet HTML 1Page - Schneider Electric ASILUFC5 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
AS-Interface communication
module, TeSys Ultra, 24VDC
ASILUFC5
Product availability : Stock - Normally stocked in distribution
facility
Price* : 188.00 USD
Main
Range
TeSys
Device short name
ASILUF
Product or Component Type
Communication module
Product Compatibility
LUCA
LUCL
LUCD
LUCM
LUCC
LUCB
Device Application
Communication
Range compatibility
TeSys Ultra LUB non reversing power base
TeSys Ultra LU2B reversing power base
Complementary
Main function available
AS-Interface communication module
Mounting Mode
Plug-in
Mounting Location
Front side
Bus type
AS-Interface
Communication Port Protocol
Profibus DP
Addressing
31 slaves
Current consumption
200 mA 24 V output
25 mA normal operation
30 mA fault operation
Switching current capacity
500 mA 24 V against short-circuits solid state
Local signalling
2 LEDs front panel
Connection pitch
0.15 in (3.81 mm) output
0.20 in (5.08 mm) input
Connections - terminals
Input screw clamp terminals 1 0.00…0.00 in² (0.2…1.5 mm²)flexible without cable end
Input screw clamp terminals 1 0.00…0.00 in² (0.2…1.5 mm²)rigid without cable end
Input screw clamp terminals 1 0.00…0.00 in² (0.25…1.5 mm²)flexible with cable end
Input screw clamp terminals 2 0.00…0.00 in² (0.2…1 mm²)flexible without cable end
Input screw clamp terminals 2 0.00…0.00 in² (0.2…1 mm²)rigid without cable end
Input screw clamp terminals 2 0.00…0.00 in² (0.25…1 mm²)flexible with cable end
Input screw clamp terminals 2 0.00…0.00 in² (0.5…1 mm²)flexible with cable end
Output screw clamp terminals 1 0.00…0.00 in² (0.14…1 mm²)flexible without cable end
Output screw clamp terminals 1 0.00…0.00 in² (0.14…1 mm²)rigid without cable end
Output screw clamp terminals 1 0.00…0.00 in² (0.25…0.5 mm²)flexible with cable end
Output screw clamp terminals 1 0.00…0.00 in² (0.25…1 mm²)flexible with cable end
Output screw clamp terminals 2 0.00…0.00 in² (0.14…0.5 mm²)rigid without cable end
Output screw clamp terminals 2 0.00…0.00 in² (0.14…0.75 mm²)flexible without cable end
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 11, 2022
1


Similar Part No. - ASILUFC5

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ASILUFC51 SCHNEIDER-ASILUFC51 Datasheet
99Kb / 2P
Communication module, TeSys Ultra
May 11, 2022
More results

Similar Description - ASILUFC5

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VBA-4E-G4-ZE PF-VBA-4E-G4-ZE Datasheet
262Kb / 2P
AS-Interface sensor module
VBA-4E-G11-ZAJ-F PF-VBA-4E-G11-ZAJ-F Datasheet
1Mb / 4P
AS-Interface sensor module
VBA-4E-G11-ZAJ-V1 PF-VBA-4E-G11-ZAJ-V1 Datasheet
1Mb / 4P
AS-Interface sensor module
VBA-2A-G4-I PF-VBA-2A-G4-I Datasheet
260Kb / 2P
AS-Interface analog module
VBA-2A-G11-I-V1 PF-VBA-2A-G11-I-V1 Datasheet
418Kb / 3P
AS-Interface analog module
logo
Schneider Electric
ASILUFC51 SCHNEIDER-ASILUFC51 Datasheet
99Kb / 2P
Communication module, TeSys Ultra
May 11, 2022
LULC07 SCHNEIDER-LULC07 Datasheet
95Kb / 2P
profibus communication module, TeSys Ultra, 24VDC
May 11, 2022
LULC08 SCHNEIDER-LULC08 Datasheet
99Kb / 3P
CANopen communication module, TeSys Ultra, 24VDC supply
May 11, 2022
LULC033 SCHNEIDER-LULC033 Datasheet
105Kb / 2P
Modbus communication module, TeSys Ultra, 24VDC supply
May 11, 2022
LULC15 SCHNEIDER-LULC15 Datasheet
103Kb / 3P
Advantys STB communication module, TeSys Ultra, 24VDC supply
May 11, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com