Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201B Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG201B
Description  Improved Quad CMOS Analog Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201B Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG201B Datasheet HTML 4Page - Vishay Siliconix DG201B Datasheet HTML 5Page - Vishay Siliconix DG201B Datasheet HTML 6Page - Vishay Siliconix DG201B Datasheet HTML 7Page - Vishay Siliconix DG201B Datasheet HTML 8Page - Vishay Siliconix DG201B Datasheet HTML 9Page - Vishay Siliconix DG201B Datasheet HTML 10Page - Vishay Siliconix DG201B Datasheet HTML 11Page - Vishay Siliconix DG201B Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.vishay.com
8
Document Number: 70037
S11-0800-Rev. J, 25-Apr-11
Vishay Siliconix
DG201B, DG202B
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATIONS
Figure 6. Sample-and-Hold
LM101A
+ 15 V
- 15 V
30 pF
+ 15 V
- 15 V
V+
V-
DG201B
50 pF
1000 pF
J202
J500
J507
+ 15 V
2N4400
- 15 V
VIN
VOUT
1 k
Ω
200
Ω
5 M
Ω
5.1 M
Ω
Aquisition Time
= 25 µs
Aperature Time
= 1 µs
Sample to Hold Offset
= 5 mV
Droop Rate
= 5 mV/s
Logic Input
Low = Sample
High = Hold
-
+
Figure 7. Active Low Pass Filter with Digitally Selected Break Frequency
TTL
Control
150 pF
1500 pF
+ 15 V
DG201B
GND
30 pF
LM101A
+ 15 V
- 15 V
1
10
100
1K
10K
100K
1M
- 40
0
160
120
80
fC4
Select
fC3
Select
fC2
Select
fC1
Select
R1 = 10 kΩ
R2 = 10 kΩ
R3 = 1 MΩ
VOUT
V1
V-
C4
C3
C2
C1
AL (Voltage Gain Below Break Frequency) =
= 100 (40 dB)
R3
R1
fC (Break Frequency) =
1
2
πR3CX
1
2
πR1CX
fL (Unity Gain Frequency) =
Max. Attenuation =
RDS(on)
10 k
Ω
≈ - 47 dB
0.015 µF
0.15 µF
- 15 V
-
+
40
f - Frequency (Hz)
fL1
fL2
fL3
fL4
fC1
fC2
fC3
fC4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com