Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201B Datasheet(PDF) 13 Page - Vishay Siliconix

Part # DG201B
Description  Improved Quad CMOS Analog Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201B Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button DG201B Datasheet HTML 7Page - Vishay Siliconix DG201B Datasheet HTML 8Page - Vishay Siliconix DG201B Datasheet HTML 9Page - Vishay Siliconix DG201B Datasheet HTML 10Page - Vishay Siliconix DG201B Datasheet HTML 11Page - Vishay Siliconix DG201B Datasheet HTML 12Page - Vishay Siliconix DG201B Datasheet HTML 13Page - Vishay Siliconix DG201B Datasheet HTML 14Page - Vishay Siliconix DG201B Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
PAD Pattern
www.vishay.com
Vishay Siliconix
Revision: 02-Sep-11
1
Document Number: 63550
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RECOMMENDED MINIMUM PAD FOR TSSOP-16
Recommended Minimum Pads
Dimensions in inches (mm)
0.055
(1.40)
0.012
(0.30)
0.026
(0.65)
0.014
(0.35)
0.193
(4.90)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com