Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA557 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSA557
Description  Low Supply Signal Bypass IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA557 Datasheet(HTML) 4 Page - ON Semiconductor

  FSA557 Datasheet HTML 1Page - ON Semiconductor FSA557 Datasheet HTML 2Page - ON Semiconductor FSA557 Datasheet HTML 3Page - ON Semiconductor FSA557 Datasheet HTML 4Page - ON Semiconductor FSA557 Datasheet HTML 5Page - ON Semiconductor FSA557 Datasheet HTML 6Page - ON Semiconductor FSA557 Datasheet HTML 7Page - ON Semiconductor FSA557 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FSA557
www.onsemi.com
4
Table 4. MAXIMUM RATINGS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Supply Voltage
Slew Rate 2V/ms (rising), 1V/ms (falling)
−0.5
6.0
V
VSW(ON)
Switch Voltage Range; L#, H#,
COM#
Switch Conducting/Isolating
−2.0
6.0
V
VSW(OFF)
Switch Isolating
−2.0
6.0
ISW
Maximum DC Switch I/O Current
350
mA
VCNTRL
Control Input Voltage; SEL, EN_N
−0.3
6.0
V
TJ
Junction Temperature
−40
+150
°C
TSTG
Storage Temp
−65
+150
°C
TL
Soldering Temp (10 Seconds)
+260
°C
ESDHBM
Electrostatic Discharge Protection
Level
Human Body Model
4.0
kV
ESDCDM
Charged Device Model
2.0
ESDIEC
IEC 61000−4−2 System (Contact)
8
IEC 61000−4−2 System (Air Gap)
15
Latchup
Latchup Current
JEDEC Standard: JESD78
100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 5. THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, WLCSP−9
Thermal Resistance, Junction−to−Air (Note 1)
RθJA
48
°C/W
1. JEDEC Standard, Still Air, 4−layer board with vias
Table 6. RECOMMENDED OPERATING RANGES
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD(L#)
Supply Voltage Range
Low Supply Path Conducting
0.0
5.5
V
VDD(H#)
High Supply Path Conducting
1.65
5.5
VSW(ON)
Switch Voltage Range; L#, H#, COM#
Switch Conducting
−1.5
5.5
V
VSW(OFF)
Switch Isolating
−1.5
5.5
VCNTRL
Control Input Voltage; SEL, EN_N, NC
0.0
5.5
V
TA
Operating Ambient Temperature
−40
+85
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com