Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA557 Datasheet (PDF) - ON Semiconductor

FSA557 Datasheet PDF - ON Semiconductor
Part # FSA557
Download  FSA557 Download
File Size   209.65 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Supply Signal Bypass IC

FSA557 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSA557 Datasheet PDF - ON Semiconductor

Part # FSA557
Download  FSA557 Click to download

File Size   209.65 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Supply Signal Bypass IC

FSA557 Datasheet (HTML) - ON Semiconductor


FSA557 Product details

The FSA557 integrates 0.3  depletion and enhancement mode
switches to provide a signal bypass solution when batteries of wireless
devices are low or have no charge left. In addition, an optional slow
gradual transition is included to suppress any undesirable artifacts (ex:
click and pop) when switching between signal sources. The depletion
technology allows the device to conduct signals when there is no VDD
available and to isolate signals when VDD is present. The FSA557 is
5.5 V tolerant and can pass or isolate negative signal swings down to −1.5 V.

Features
• Dual Depletion Switches
♦ Normally Closed when VDD < 0.5 V
♦ VSW: −1.5 V to +5.5 V
♦ RON: 220 m (Typical)
♦ THD+N: −110 dB (Typical)
• Dual Enhancement Switches
♦ VSW: −1.5 V to +5.5 V
♦ RON: 290 m (Typical)
♦ THD+N: −113 dB (Typical)

Typical Applications
• Battery Powered Devices
• Wireless Headphones




Similar Part No. - FSA557

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA550 ONSEMI-FSA550 Datasheet
368Kb / 8P
4PST Depletion Mode Isolation Switch
November 2014 Rev. 1.0.1
FSA550BUCX ONSEMI-FSA550BUCX Datasheet
368Kb / 8P
4PST Depletion Mode Isolation Switch
November 2014 Rev. 1.0.1
FSA550UCX ONSEMI-FSA550UCX Datasheet
368Kb / 8P
4PST Depletion Mode Isolation Switch
November 2014 Rev. 1.0.1
FSA551 ONSEMI-FSA551 Datasheet
382Kb / 10P
Dual SPST Depletion Mode Audio Switch
November 2014 Rev. 1.7
FSA551UCX ONSEMI-FSA551UCX Datasheet
382Kb / 10P
Dual SPST Depletion Mode Audio Switch
November 2014 Rev. 1.7
More results


Similar Description - FSA557

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15125 TOKO-TK15125 Datasheet
118Kb / 8P
Dual Supply Grand Earthing System Audio Signal Mute IC
logo
Fuji Electric
FA5592 FUJI-FA5592 Datasheet
227Kb / 2P
PWM Power Supply IC with Low Standby Power
logo
Mini-Circuits
TSS-53LNB MINI-TSS-53LNB Datasheet
336Kb / 5P
Low Noise Bypass Amplifier
TSS-53LNB3 MINI-TSS-53LNB3 Datasheet
348Kb / 5P
Low Noise Bypass Amplifier
logo
ON Semiconductor
FXL2T245 ONSEMI-FXL2T245 Datasheet
728Kb / 13P
Low-Voltage, Dual-Supply, 2-Bit, Signal Translator
April 2014 Rev. 1.0.2
FXL2TD245 ONSEMI-FXL2TD245 Datasheet
966Kb / 14P
Low Voltage Dual Supply 2-Bit Signal Translator
November 2006 Rev. 1.0.4
FXL4T245 ONSEMI-FXL4T245 Datasheet
613Kb / 11P
Low Voltage Dual Supply 4-Bit Signal Translator
Revised June 2004
FXL5T244 ONSEMI-FXL5T244 Datasheet
609Kb / 10P
Low Voltage Dual Supply 5-Bit Signal Translator
Revised June 2004
FXLH42245 ONSEMI-FXLH42245 Datasheet
570Kb / 14P
Low-Voltage, Dual-Supply, 8-Bit, Signal Translator
June 2009 Rev. 1.0.3
logo
Qorvo, Inc
QPL9095 QORVO-QPL9095 Datasheet
976Kb / 10P
Ultra Low-Noise, Bypass LNA
July 21, 2020
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com