Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5921-RHS Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # MSK5921-RHS
Description  RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5921-RHS Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  MSK5921-RHS Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5921-RHS Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5921-RHS Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5921-RHS Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5921-RHS Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5921-RHS Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5921-RHS Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
APPLICATION NOTES CONT.
4
HEAT SINK SELECTION
To select a heat sink for the MSK 5921RH, the follow-
ing formula for convective heat flow may be used.
Governing Equation:
TJ = PD X (R
θJC + RθCS + RθSA) + TA
Where
TJ
= Junction Temperature
PD
= Total Power Dissipation
R
θJC
= Junction to Case Thermal Resistance
R
θCS = Case to Heat Sink Thermal Resistance
R
θSA = Heat Sink to Ambient Thermal Resistance
TA
= Ambient Temperature
Power Dissipation=(VIN-VOUT) x IOUT
Next, the user must select a maximum junction tem-
perature. The absolute maximum allowable junction tem-
perature is 150°C. The equation may now be rearranged
to solve for the required heat sink to ambient thermal
resistance (R
θSA).
Example:
An MSK 5921RH is connected for VIN=+3.3V and
VOUT=+2.5V. IOUT is a continuous 3A DC level. The am-
bient temperature is +25°C. The maximum desired junc-
tion temperature is +125°C.
R
θJC=4.0°C/W and RθCS=0.15°C/W for most thermal
greases
Power Dissipation=(3.3V-2.5V) x (3A)
=2.4Watts
Solve for R
θSA:
125°C - 25°C
2.4W
= 36.5°C/W
In this example, a heat sink with a thermal resistance
of no more than 36.5°C/W must be used to maintain a
junction temperature of no more than 125°C.
TYPICAL APPLICATIONS CIRCUIT
OUTPUT VOLTAGE SELECTION
As noted in the above typical applications circuit, the
formula for output voltage selection is
A good starting point for this output voltage selection is
to set R2=1K. By rearranging the formula it is simple to
calculate the final R1 value.
Table 1 below lists some of the most probable resistor
combinations based on industry standard usage.
R1
R2
1+
VOUT=1.265
VOUT
1.265
-1
R1=R2
1.5
1.8
2.0
2.5
2.8
3.3
4.0
5.0
R2
(
Ω
Ω
Ω
Ω
Ω)
1K
1K
1K
1K
1K
1K
1K
1K
R1 (nearest 1%)
(
Ω
Ω
Ω
Ω
Ω)
187
422
576
976
1.21K
1.62K
2.15K
2.94K
R
θSA=
-4.0°C/W - 0.15°C/W
OUTPUT
VOLTAGE
(V)
THERMAL LIMITING
The MSK 5921RH control circuitry has a thermal shut-
down temperature of approximately 150°C. This ther-
mal shutdown can be used as a protection feature, but
for continuous operation, the junction temperature of the
pass transistor must be maintained below 150°C. Proper
heat sink selection is essential to maintain these condi-
tions.
TABLE 1
Rev. C
1/06



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com