Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5921-RHS Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5921-RHS
Description  RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5921-RHS Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5921-RHS Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5921-RHS Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5921-RHS Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5921-RHS Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5921-RHS Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5921-RHS Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5921-RHS Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TYPICAL APPLICATIONS
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
MIL-PRF-38534 CERTIFIED
5921RH
M.S.KENNEDY CORP.
FEATURES:
Satellite System Power Supplies
Switching Power Supply Post Regulators
Constant Voltage/Current Regulators
Microprocessor Power Supplies
RAD TOLERANT ULTRA LOW
DROPOUT ADJUSTABLE
POSITIVE LINEAR REGULATOR
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
DESCRIPTION:
The MSK 5921RH is a rad tolerant adjustable linear regulator typically capable of delivering 5.0 amps of output
current. The typical dropout is only 0.30 volts with a 3.0A load. An external shutdown function is ideal for power
supply sequencing. This device also has latching overload protection that requires no external current sense resistor.
The MSK 5921RH is radiation tolerant and specifically designed for space/satellite applications. The device is pack-
aged in a hermetically sealed space efficient 5 pin SIP that is electrically isolated from the internal circuitry allowing for
direct heat sinking.
PIN-OUT INFORMATION
VIN
GND
VOUT
SHUTDOWN
ADJUST
Total Dose Tested to 300K RAD
Ultra Low Dropout for Reduced Power Consumption
External Shutdown
Latching Overload Protection
Adjustable Output Using Two External Resistors
Output Current Limit
Available in 3 Lead Form Options: Straight, Up and Down
Available to DSCC SMD # 5962-05220
1
2
3
4
5
Rev. C
1/06
1


Similar Part No. - MSK5921-RHS

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5921 MSK-MSK5921 Datasheet
317Kb / 7P
RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5921E MSK-MSK5921E Datasheet
317Kb / 7P
RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5921ERHD MSK-MSK5921ERHD Datasheet
317Kb / 7P
RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5921ERHS MSK-MSK5921ERHS Datasheet
317Kb / 7P
RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5921ERHU MSK-MSK5921ERHU Datasheet
317Kb / 7P
RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
More results

Similar Description - MSK5921-RHS

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5900RH MSK-MSK5900RH Datasheet
338Kb / 7P
RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5910RHG MSK-MSK5910RHG Datasheet
416Kb / 8P
RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5920-3.3KRHU MSK-MSK5920-3.3KRHU Datasheet
340Kb / 7P
RAD TOLERANT ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
5921RH MSK-5921RH Datasheet
317Kb / 7P
RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
logo
Anaren Microwave
MSK5800RH ANAREN-MSK5800RH Datasheet
960Kb / 10P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5810RH ANAREN-MSK5810RH Datasheet
1Mb / 10P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5821RH ANAREN-MSK5821RH Datasheet
297Kb / 9P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5824RH ANAREN-MSK5824RH Datasheet
495Kb / 8P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5826RH ANAREN-MSK5826RH Datasheet
491Kb / 8P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5910RH ANAREN-MSK5910RH Datasheet
967Kb / 10P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com