Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK0021 Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK0021
Description  HIGH POWER OP-AMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK0021 Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK0021 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK0021 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK0021 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK0021 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK0021 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK0021 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK0021 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK0021 Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HEAT SINKING
To select the correct heat sink for your application, refer to the
thermal model and governing equation below.
Thermal Model:
APPLICATION NOTES
CURRENT LIMIT
The MSK 0021 has an on-board current limit scheme de-
signed to limit the output drivers anytime output current
exceeds a predetermined limit. The following formula may
be used to determine the value of the current limit resistance
necessary to establish the desired current limit.
Current Limit Connection
3
Rev. A 6/03
RSC=
0.7
ISC
___
See "Application Circuits" in this data sheet for additional
information on current limit connections.
POWER SUPPLY BYPASSING
Both the negative and the positive power supplies must
be effectively decoupled with a high and low frequency by-
pass circuit to avoid power supply induced oscillation. An
effective decoupling scheme consists of a 0.1 microfarad
ceramic capacitor in parallel with a 4.7 microfarad tantalum
capacitor from each power supply pin to ground. It is also a
good practice with high power op-amps, such as the MSK
0021, to place a 30-50 microfarad capacitor with a low
effective series resistance, in parallel with the other two power
supply decoupling capacitors. This capacitor will eliminate
any peak output voltage clipping which may occur due to
poor power supply load regulation.
All power supply
decoupling capacitors should be placed as close to the pack-
age power supply pins as possible.
SAFE OPERATING AREA
The safe operating area curve is a graphical representation
of the power handling capability of the amplifier under vari-
ous conditions. The wire bond current carrying capability,
transistor junction temperature and secondary breakdown
limitations are all incorporated into the safe operating area
curves. All applications should be checked against the S.O.A.
curves to ensure high M.T.B.F.
Governing Equation:
TJ = PD X (R
θJC + RθCS + RθSA) + TA
Where
TJ
= Junction Temperature
PD
= Total Power Dissipation
R
θJC
= Junction to Case Thermal Resistance
R
θCS
= Case to Heat Sink Thermal Resistance
R
θSA
= Heat Sink to Ambient Thermal Resistance
TC
= Case Temperature
TA
= Ambient Temperature
TS
= Sink Temperature
Example: (TO-3 PACKAGE)
In our example the amplifier application requires the output to drive
a 10 volt peak sine wave across a 10 ohm load for 1 amp of output
current. For a worst case analysis we will treat the 1 amp peak
output current as a D.C. output current. The power supplies are
±15 VDC.
1.) Find Power Dissipation
PD=[(quiescent current) X (+VCC - (VCC))] + [(VS - VO) X IOUT]
=(3.5 mA) X (30V) + (5V) X (1A)
=0.1W + 6W
=6.1W
2.) For conservative design, set TJ = +150°C.
3.) For this example, worst case TA = +25°C.
4.) R
θJC = 2.0°C/W typically for the TO-3 package.
5.) Rearrange governing equation to solve for R
θSA:
R
θSA = (TJ - TA) / PD - (RθJC) - (RθCS)
= (150°C - 25°C) / 6.1W - (2.0°C/W) - (0.15°C/W)
= 18.5°C/W
The heat sink in this example must have a thermal resistance of no
more than 18.5°C/W to maintain a junction temperature of less than
+150°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com