Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK0021 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK0021
Description  HIGH POWER OP-AMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK0021 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK0021 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK0021 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK0021 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK0021 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK0021 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK0021 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK0021 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK0021 Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4707 Dey Road
Liverpool, N.Y. 13088
(315) 701-6751
MIL-PRF-38534 QUALIFIED
Servo Amplifer
Motor Driver
TYPICAL APPLICATIONS
MSK0021
1 ISC+
2 +VCC
3 GND
4 Compensation
5 -Input
6 +Input
7 -VCC
8 ISC
1
PIN-OUT INFORMATION
Rev. A 6/03
ISO 9001 CERTIFIED BY DSCC
FEATURES:
Available as SMD #5962-8508801
High Output Current - 2 Amps Peak
Low Power Consumption-Class C Design
Programmable Current Limit
High Slew Rate
Continuous Output Short Circuit Duration
Replacement for LH0021
EQUIVALENT SCHEMATIC
MSK0021
HIGH POWER
OP-AMP
M.S KENNEDY CORP.
0021
SERIES
HIGH POWER
OP-AMP
MSK0021FP
DESCRIPTION:
The MSK 0021, 0021FP and 0021FPG are general purpose Class C power operational amplifiers. These amplifiers
offer large output currents, making them an excellent low cost choice for motor drive circuits. The amplifier and load can
be protected from fault conditions through the use of internal current limit circuitry that can be user programmed with
two external resistors. These devices are also compensated with a single external capacitor. The MSK 0021 is available
in a hermetically sealed 8 pin TO-3 package. The MSK 0021FP is packaged in a 20 pin hermetic metal flatpack and the
0021FPG is lead formed by MSK.
MSK0021FP/MSK0021FPG
20 -VCC
19 NC
18 +VIN
17 NC
16 -VIN
15 NC
14 Compensation
13 NC
12 GND
11 +VCC
1 ISC-
2 ISC-
3 ISC-
4 VOUT
5 VOUT
6 VOUT
7 VOUT
8 ISC+
9 ISC+
10 ISC+
CASE-OUTPUT
CASE IS ALSO VOUT
Audio Amplifier
Programmable Power Supply
MSK0021FPG


Similar Part No. - MSK0021

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK0021 ANAREN-MSK0021 Datasheet
854Kb / 9P
HIGH POWER OP-AMP
MSK0021 ANAREN-MSK0021 Datasheet
854Kb / 9P
HIGH POWER OP-AMP
MSK0021B ANAREN-MSK0021B Datasheet
854Kb / 9P
HIGH POWER OP-AMP
MSK0021B ANAREN-MSK0021B Datasheet
854Kb / 9P
HIGH POWER OP-AMP
MSK0021FP ANAREN-MSK0021FP Datasheet
854Kb / 9P
HIGH POWER OP-AMP
More results

Similar Description - MSK0021

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
541 MSK-541 Datasheet
482Kb / 7P
HIGH POWER OP-AMP
MSK2541 MSK-MSK2541 Datasheet
327Kb / 6P
DUAL HIGH POWER OP-AMP
MSK106RH MSK-MSK106RH Datasheet
449Kb / 9P
RADIATION HARDENED HIGH POWER OP-AMP
MSK-0041 MSK-MSK-0041 Datasheet
268Kb / 7P
HIGH POWER OP-AMP
logo
Anaren Microwave
MSK0021 ANAREN-MSK0021 Datasheet
854Kb / 9P
HIGH POWER OP-AMP
MSK0021FP ANAREN-MSK0021FP Datasheet
854Kb / 9P
HIGH POWER OP-AMP
MSK0041FP ANAREN-MSK0041FP Datasheet
169Kb / 7P
HIGH POWER OP-AMP
MSK106RH ANAREN-MSK106RH Datasheet
474Kb / 8P
RADIATION HARDENED HIGH POWER OP-AMP
MSK145 ANAREN-MSK145 Datasheet
246Kb / 8P
HIGH POWER OP-AMP
MSK2541 ANAREN-MSK2541 Datasheet
453Kb / 7P
DUAL HIGH POWER OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com