Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2020 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2020
Description  Low-Voltage Single Asymmetrical SPDT Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2020 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2020 Datasheet HTML 1Page - Vishay Siliconix DG2020 Datasheet HTML 2Page - Vishay Siliconix DG2020 Datasheet HTML 3Page - Vishay Siliconix DG2020 Datasheet HTML 4Page - Vishay Siliconix DG2020 Datasheet HTML 5Page - Vishay Siliconix DG2020 Datasheet HTML 6Page - Vishay Siliconix DG2020 Datasheet HTML 7Page - Vishay Siliconix DG2020 Datasheet HTML 8Page - Vishay Siliconix DG2020 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DG2020
www.vishay.com
Vishay Siliconix
S13-1633-Rev. B, 22-Jul-13
4
Document Number: 71676
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
RON vs. VCOM and Supply Voltage
RON vs. Analog Voltage and Temperature
Supply Current vs. Input Switching Frequency
RON vs. Analog Voltage and Temperature
Supply Current vs. Temperature
Switching Time vs. Temperature and Supply Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
01
2
3
45
VCOM – Analog Voltage (V)
V+ = 2.7 V (NC)
V+ = 4.5 V (NC)
V+ = 2.7 V (NO)
V+ = 4.5 V (NO)
0.50
0.75
1.00
1.25
1.50
0
1234
5
VCOM – Analog Voltage (V)
V+ = 5 V
NC @ 85 C
NC @ 25 C
NC @ –40 C
NO @ 25 C
NO @ –40 C
NO @ 85 C
Input Switching Frequency (Hz)
M
0
1
K
0
0
1
K
0
1
0
1M
1
K
1
0
0
1
100 mA
10 mA
1 mA
100 A
10 A
1 A
0.1 A
V+ = 5 V
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VCOM – Analog Voltage (V)
NC @ 85 C
NC @ 25 C
NC @ –40 C
V+ = 3 V
NO @ 85 C
NO @ 25 C
NO @ –40 C
–60
–40
–20
0
20
40
60
80
100
0.01
10
100
Temperature ( C)
V+ = 5 V
VIN = 0 V
0.1
1
0
2
4
6
8
–60
–40
–20
0
20
40
60
80
100
VCOM – Analog Voltage (V)
NO Switch
tON V+ = 3 V
tON V+ = 5 V
tOFF V+ = 3 V
tOFF V+ = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com