Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2020 Datasheet (PDF) - Vishay Siliconix

DG2020 Datasheet PDF - Vishay Siliconix
Part # DG2020
Download  DG2020 Download
File Size   238.63 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage Single Asymmetrical SPDT Analog Switch

DG2020 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2020 Datasheet PDF - Vishay Siliconix

Part # DG2020
Download  DG2020 Click to download

File Size   238.63 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage Single Asymmetrical SPDT Analog Switch

DG2020 Datasheet (HTML) - Vishay Siliconix


DG2020 Product details

FEATURES
• Low voltage operation (2.7 V to 5.5 V)
• Low on-resistance - R
– NO = 0.8 Ω
– NC = 1.2 Ω
• Low power consumption
• TTL/CMOS compatible
• TSOP-6 package

BENEFITS
• Reduced power consumption
• Simple logic interface
• High accuracy
• Reduce board space

APPLICATIONS
• Cellular phones
• Communication systems
• Portable test equipment
• Battery operated systems

DESCRIPTION
The DG2020 is a single-pole/double-throw monolithic
CMOS analog switch designed for high performance
switching of analog signals. Combining low power, high
speed, low on-resistance and small physical size, the
DG2020 is ideal for portable and battery powered
applications requiring high performance and efficient use of
board space.
The DG2020 is built on Vishay Siliconix’s low voltage JI2
process. An epitaxial layer prevents latchup.
Break-before-make is guaranteed.
The switch conducts equally well in both directions when
on, and blocks up to the power supply level when off.




Similar Part No. - DG2020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2020 VISHAY-DG2020 Datasheet
62Kb / 6P
Low-Voltage Single Asymmetrical SPDT Analog Switch
03-Aug-01
More results


Similar Description - DG2020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
Low-Voltage Single SPDT Analog Switch
10-Nov-00
DG9461 VISHAY-DG9461 Datasheet
80Kb / 7P
Low-Voltage Single SPDT Analog Switch
26-Jul-99
DG2020 VISHAY-DG2020 Datasheet
62Kb / 6P
Low-Voltage Single Asymmetrical SPDT Analog Switch
03-Aug-01
DG2012 VISHAY-DG2012 Datasheet
73Kb / 8P
Low-Voltage Single SPDT Analog Switch
07-Apr-03
DG2714 VISHAY-DG2714 Datasheet
59Kb / 7P
Low-Voltage Single SPDT Analog Switch
30-Jun-03
DG2001 VISHAY-DG2001 Datasheet
63Kb / 8P
LOW - VOLTAGE SINGLE SPDT ANALOG SWITCH
19-Mar-01
DG2714 VISHAY-DG2714_08 Datasheet
112Kb / 8P
Low-Voltage Single SPDT Analog Switch
30-Apr-07
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
Low-Voltage Single SPDT Analog Switch
14-May-07
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
Low-Voltage Single SPDT Analog Switch
13-Jun-11
DG2002 VISHAY-DG2002_V01 Datasheet
140Kb / 10P
Low-Voltage Single SPDT Analog Switch
24-Dec-07
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com