Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC402A/B Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIC402A/B
Description  microBUCK® PRODUCT FAMILY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC402A/B Datasheet(HTML) 5 Page - Vishay Siliconix

  SIC402A/B Datasheet HTML 1Page - Vishay Siliconix SIC402A/B Datasheet HTML 2Page - Vishay Siliconix SIC402A/B Datasheet HTML 3Page - Vishay Siliconix SIC402A/B Datasheet HTML 4Page - Vishay Siliconix SIC402A/B Datasheet HTML 5Page - Vishay Siliconix SIC402A/B Datasheet HTML 6Page - Vishay Siliconix SIC402A/B Datasheet HTML 7Page - Vishay Siliconix SIC402A/B Datasheet HTML 8Page - Vishay Siliconix SIC402A/B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
microBUCK® PRODUCT FAMILY
Transient response in continuous conduction mode
(6 A - 0.2 A)
(VIN = 12 V. VOUT = 1 V. FSW = 500 kHz)
SIC401A/B, SIC402A/B, and SIC403A/B (continued...)
Transient response in continuous conduction mode
(0.2 A - 6 A)
(VIN = 12 V. VOUT = 1 V. FSW = 500 kHz)
Output Voltage
50 mV/div.
5 µs/div.
AC Coupling
Output Current
2 A/div.
5 µs/div.
Output Voltage
50 mV/div. 5 µs/div.
AC Coupling
Output Current
2 A/div.
5 µs/div.
TYPICAL APPLICATION CIRCUIT
PAD 1
AGND
PAD 3
LX
PAD 2
VIN
PGND
LX
PGND
PGND
PGND
PGND
PGND
17
18
19
20
21
BST
VIN
FBL
AGND
VDD
VOUT
FB
1
2
3
4
5
7
6
8
SS
24
LX
23
22
VIN
VOUT
VOUT
PGOOD
3.3 V
EN/PSV (Tri-State)
LDO_EN
SiC403B (MLP 5 x 5-32L)
31 30 29
25
26
27
28
32
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO
SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VMN-PL0427-1210
5/12
PRODUCT OVERVIEW
POWER ICS
ON
AND TEC
1 9 6 2 - 2 0 1 2
VI SH AY I N TE R TE C H N O L OGY, I NC .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com