Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC402A/B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIC402A/B
Description  microBUCK® PRODUCT FAMILY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC402A/B Datasheet(HTML) 2 Page - Vishay Siliconix

  SIC402A/B Datasheet HTML 1Page - Vishay Siliconix SIC402A/B Datasheet HTML 2Page - Vishay Siliconix SIC402A/B Datasheet HTML 3Page - Vishay Siliconix SIC402A/B Datasheet HTML 4Page - Vishay Siliconix SIC402A/B Datasheet HTML 5Page - Vishay Siliconix SIC402A/B Datasheet HTML 6Page - Vishay Siliconix SIC402A/B Datasheet HTML 7Page - Vishay Siliconix SIC402A/B Datasheet HTML 8Page - Vishay Siliconix SIC402A/B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
microBUCK® PRODUCT FAMILY
microBUCK® PRODUCT FAMILY
SiC401 A/B SiC402 A/B SiC403 A/B
SiC413
SiC414/424
SiP12107
SiP12108
SiP12109
SiP12110
Package
MLPQ55-32L
SO-8
MLPQ44-28
Package
MLP33-16L
Package Size
5 x 5 x 0.9 (mm)
6.2 x 5 x 0.9 (mm)
4 x4 x 0.9 (mm)
Package Size
3 x 3 x 0.9 (mm)
VIN
3 V to 17 V
3 V to 28 V
3 V to 28 V
4.75 V to 26 V
3 V to 28 V
VIN
2.8 V to 5.5 V
4.5 V to 16 V
VOUT
0.6 V to 5.5 V
0.6 V to 13.2 V
0.75 V to 5.25 V
VOUT
0.6 V to 4.6 V
0.6 V to 5.5 V
0.6 V to 5.5 V
Operating Frequency
200 kHz to 1 MHz
500 kHz
200 kHz to 1 MHz
Operating Frequency
200 kHz to 4 MHz
200 kHz to 4 MHz
400 kHz to 1.5 MHz 400 kHz to 1.5 MHz
IOUT
15 A
10 A
6 A
4 A
6 A
IOUT
3 A
6 A
4 A
6 A
Power save mode
•
•
•
•
Power save mode
•
•
•
•
Peak efficiency
95 %
95 %
95 %
93 %
95 %
Peak efficiency
95 %
95 %
95 %
95 %
Power good
•
•
•
•
Power good
•
•
•
•
Under voltage lockout
•
•
•
•
•
Under voltage lockout
•
•
•
•
Output over-voltage
protection
•
•
•
•
•
Output over-voltage
protection
•
•
•
•
Output over-current
protection
•
•
•
•
•
Output over-current
protection
•
•
•
•
Short circuit protection
•
•
•
Short circuit protection
•
•
•
•
Over temperature protection
•
•
•
•
•
Over temperature protection
•
•
•
•
Soft-start and
soft-shutdown
Programmable
Internal
Internal
Soft-start and
soft-shutdown
Internal
Integrated configurable
LDO with bypass logic
•
•
•
•
Ouptput ceramic capacitor
(no ESR requirement)
•
•
•
•
Ouptput ceramic capacitor
(no ESR requirement)
•
•
•
•
•
Pseudo-fixed frequency
adaptive on-time control
•
•
•
•
Pseudo-fixed frequency
adaptive on-time control
•
•
•
•
1 % internal reference
voltage
•
•
•
•
1 % internal reference
voltage
•
•
•
•
Integrated bootstrap diode
•
•
Integrated bootstrap diode
•
•
•
•
•
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO
SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VMN-PL0427-1210
2/12
PRODUCT OVERVIEW
POWER ICS
ON
AND TEC
1 9 6 2 - 2 0 1 2
VI SH AY I N TE R TE C H N O L OGY, I NC .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com