Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VQ2001J Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VQ2001J
Description  P-Channel 30-V (D-S) MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VQ2001J Datasheet(HTML) 2 Page - Vishay Siliconix

  VQ2001J Datasheet HTML 1Page - Vishay Siliconix VQ2001J Datasheet HTML 2Page - Vishay Siliconix VQ2001J Datasheet HTML 3Page - Vishay Siliconix VQ2001J Datasheet HTML 4Page - Vishay Siliconix VQ2001J Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VP0300L/LS, VQ2001J/P
Vishay Siliconix
www.vishay.com
11-2
Document Number: 70217
S-04279—Rev. E, 16-Jul-01
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
VP0300L/LS
VQ2001J/P
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = –10 mA
–55
–30
–30
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = –1 mA
–3.1
–2
–4.5
–2
–4.5
V
VDS = 0 V, VGS = "16 V
"100
Gate-Body Leakage
IGSS
TJ = 125_C
"500
nA
VDS = 0 V, VGS = "20 V
"100
VDS = –24 V, VGS = 0 V
–10
Zero Gate Voltage Drain Current
IDSS
TJ = 125_C
–500
–500
mA
VDS = –30 V, VGS = 0 V
–10
On-State Drain Currentb
ID(on)
VDS = –10 V, VGS = –12 V
–2.8
–1.5
–1.5
A
b
VGS = –12 V, ID = –1 A
1.5
2.5
2
W
Drain-Source On-Resistanceb
rDS(on)
TJ = 125_C
2.6
3.6
3.6
W
Forward Transconductanceb
gfs
VDS = –10 V, ID = –0.5 A
370
200
200
Common Source Output Conductanceb
gos
VDS = –7.5 V, ID = –0.05 A
0.25
mS
Dynamic
Input Capacitance
Ciss
60
150
150
Output Capacitance
Coss
VDS = –15 V, VGS = 0 V
f = 1 MHz
40
100
100
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
10
60
60
Switchingc
Turn-On Time
tON
VDD = –25 V, RL = 23 W
^
19
30
Turn-Off Time
tOFF
ID ^ –1 A, VGEN = –10 V
RG = 25 W
17
30
Turn-On Time
tON
VDD =–15 V, RL = 23 W
^
19
30
ns
Turn-Off Time
tOFF
ID ^ –0.6 A, VGEN = –10 V
RG = 25 W
16
30
Notes
a.
For DESIGN AID ONLY, not subject to production testing.
VPEA03
b.
Pulse test: PW
v300 ms duty cycle v2%.
c.
Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com