Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VQ2001J Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VQ2001J
Description  P-Channel 30-V (D-S) MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VQ2001J Datasheet(HTML) 3 Page - Vishay Siliconix

  VQ2001J Datasheet HTML 1Page - Vishay Siliconix VQ2001J Datasheet HTML 2Page - Vishay Siliconix VQ2001J Datasheet HTML 3Page - Vishay Siliconix VQ2001J Datasheet HTML 4Page - Vishay Siliconix VQ2001J Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VP0300L/LS, VQ2001J/P
Vishay Siliconix
Document Number: 70217
S-04279—Rev. E, 16-Jul-01
www.vishay.com
11-3
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
–2.0
–1.6
–1.2
–0.8
–0.4
0
0
–1
–2
–3
–4
–5
Output Characteristics
Transfer Characteristics
VDS – Drain-to-Source Voltage (V)
VGS = –10 V
–5 V
–8 V
–7 V
–6 V
VGS – Gate-to-Source Voltage (V)
–1000
–800
–600
–400
–200
0
0
–2
–4
–6
–8
–10
TJ = –55
_C
25
_C
125
_C
–4 V
–9 V
Source-Drain Diode Forward Voltage
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
–10 K
–1 K
–1
–100
–10
VSD – Source-to-Drain Voltage (V)
0.75
0.90
1.05
1.20
1.35
1.50
1.65
–50
–25
0
25
50
75
100
125
150
On-Resistance vs. Junction Temperature
VGS = –4.5 V
ID = –0.5 A
TJ – Junction Temperature (_C)
VGS = –10 V
ID = –0.1 A
0
1000
2000
3000
4000
5000
Gate Charge
Qg – Total Gate Charge (pC)
VDS – Drain-to-Source Voltage (V)
Capacitance
175
150
125
100
75
50
25
0
0
–5
–10
–15
–20
–25
–30
Crss
Coss
Ciss
VDS = –15 V
ID = –1 A
VDS = –24 V
ID = –1 A
–18
–15
–12
–9
–6
–3
0
VGS = 0 V
f = 1 MHz
–0.5
0
TJ = 25
_C
TJ = 150
_C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com