Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC595 Datasheet(PDF) 7 Page - Silicon Supplies

Part # 54HC595
Description  High Speed CMOS Logic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC595 Datasheet(HTML) 7 Page - Silicon Supplies

  54HC595 Datasheet HTML 1Page - Silicon Supplies 54HC595 Datasheet HTML 2Page - Silicon Supplies 54HC595 Datasheet HTML 3Page - Silicon Supplies 54HC595 Datasheet HTML 4Page - Silicon Supplies 54HC595 Datasheet HTML 5Page - Silicon Supplies 54HC595 Datasheet HTML 6Page - Silicon Supplies 54HC595 Datasheet HTML 7Page - Silicon Supplies 54HC595 Datasheet HTML 8Page - Silicon Supplies 54HC595 Datasheet HTML 9Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Page 7 of 9
www.siliconsupplies.com
Figure 2 – Reset Propagation Delay & Timing
High Speed CMOS Logic – 54HC595
Rev 1.2
22/12/21
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
5
UNITS
2.0V
5
5
5
3.0V
5
5
5
4.5V
5
5
5
Minimum Hold Time,
SRCLK
to SER
(Figure 5)
th
6.0V
Input
tr = tf = 6ns
5
5
5
ns
2.0V
50
65
75
3.0V
40
50
60
4.5V
10
13
15
Minimum
Recovery Time,
SRCLR
to SRCLK
(Figure 2)
trec
6.0V
Input
tr = tf = 6ns
9
11
13
ns
2.0V
60
75
90
3.0V
45
60
70
4.5V
12
15
18
Minimum
Pulse Width,
SRCLR
(Figure 2)
tw
6.0V
Input
tr = tf = 6ns
10
13
15
ns
2.0V
50
65
75
3.0V
40
50
60
4.5V
10
13
15
Minimum
Pulse Width,
SRCLK
(Figure 1)
tw
6.0V
Input
tr = tf = 6ns
9
11
13
ns
2.0V
50
65
75
3.0V
40
50
60
4.5V
10
13
15
Minimum
Pulse Width,
RCLK
(Figure 6)
tw
6.0V
Input
tr = tf = 6ns
9
11
13
ns
2.0V
1000
1000
1000
3.0V
800
800
800
4.5V
500
500
500
Maximum Input Rise
and Fall Times,
(Figure 1)
tr, tf
6.0V
Input
tr = tf = 6ns
400
400
400
ns
Timing Requirements6
Switching Waveforms
Figure 1 – Clock Propagation Delay & Output Timing



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com