Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC595 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54HC595
Description  High Speed CMOS Logic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC595 Datasheet(HTML) 2 Page - Silicon Supplies

  54HC595 Datasheet HTML 1Page - Silicon Supplies 54HC595 Datasheet HTML 2Page - Silicon Supplies 54HC595 Datasheet HTML 3Page - Silicon Supplies 54HC595 Datasheet HTML 4Page - Silicon Supplies 54HC595 Datasheet HTML 5Page - Silicon Supplies 54HC595 Datasheet HTML 6Page - Silicon Supplies 54HC595 Datasheet HTML 7Page - Silicon Supplies 54HC595 Datasheet HTML 8Page - Silicon Supplies 54HC595 Datasheet HTML 9Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
d
High Speed CMOS Logic – 54HC595
Rev 1.2
22/12/21
Pad Layout and Functions
Logic Diagram
1030µm (40.55 mils)
15
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DIE ID
0,0
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
QB
-401.8
-102
2
QC
-401.8
-246
3
QD
-205.8
-273
4
QE
-95.8
-273
5
QF
95.8
-273
6
QG
205.8
-273
7
QH
401.8
-230.2
8
GND
401.8
-84.6
9
QH’
401.8
62.6
10
SRCLR
401.8
243.2
11
SRCLK
272
273
12
RCLK
103.2
273
13
OE
-54.4
273
14
SER
-233.2
273
15
QA
-401.8
237.6
16
VCC
-401.8
46
CONNECT CHIP BACK TO VCC OR FLOAT
Page 2 of 9
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com