Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCASCWE3104F Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NTCASCWE3104F
Description  NTC Thermistors, Screw Threaded Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCASCWE3104F Datasheet(HTML) 1 Page - Vishay Siliconix

  NTCASCWE3104F Datasheet HTML 1Page - Vishay Siliconix NTCASCWE3104F Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTCASCWE3
www.vishay.com
Vishay BCcomponents
Revision: 20-Mar-17
1
Document Number: 29065
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTC Thermistors, Screw Threaded Sensors
Notes
•Other R25-values and tolerances are available upon request
• Insulated leads available upon request
(1) Measured with screw mounted on an aluminum heatsink of
100 cm2, thickness 1.5 mm, in still air at Tamb = +25 °C
FEATURES
• Easy mounting with screw
• Rugged construction
• UL recognized, file E148885
(UL category XGPU2)
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
• Temperature measurement, sensing and control
• Suitable for surface temperature applications, especially
when a good electrical insulation and a good thermal
contact with the chassis is required
DESCRIPTION
The thermistors are made of NTC ceramic material reflow
soldered between two solid tinned copper wires or low
thermal conducting 0.5 mm solid tinned nickel wires and
potted in the head of passivated aluminum (size M4).
PACKAGING
The thermistors are packed in cardboard boxes; the
smallest packaging quantity is 100 units.
DESIGN-IN SUPPORT
For complete Curve Computation, visit:
www.vishay.com/thermistors/ntc-curve-list/
MARKING
4 digits marking indicating resistance value and tolerance in
accordance with the information in Electrical Data and
Ordering Information table.
MOUNTING
By means of a washer and M4 nut supplied with the device
or in a threaded screw hole. Applied torque shall not exceed
1.2 Nm. Leads to be soldered or crimped.
DIMENSIONS in millimeters
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C
1K to 470K
Tolerance on R25-value
± 1, ± 2, ± 5
%
B25/85-value
3528 to 4570
K
Tolerance on B25/85-value
± 0.5 to ± 2.5
%
Operating temperature range at:
°C
Zero dissipation
-25 to +100
Maximum power dissipation
0 to +55
Dissipation factor (1)
 23
mW/K
Maximum power dissipation
500
mW
Thermal time constant (1)
 7.5
s
Min. dielectric withstanding
voltage between terminals and
Al case
1500
VAC
Insulation resistance between
terminals and Al case
min. 100
M
Weight
 1.5
g
8
max.
8 ± 0.1
6.7
max.
Ø d
37 ± 3
5.5
min.
M4
Component outline
ELECTRICAL DATA AND ORDERING INFORMATION
R25
(
)
R25-TOL.
(± %)
B25/85
(K)
B25/85-TOL.
(± %)
LEADS DIAMETER Ø d
(mm)
SAP MATERIAL AND
ORDERING NUMBER
MARKING CODE
1000
5
3528
0.5
0.6
NTCASCWE3102J
102J
2200
5
3977
0.75
0.6
NTCASCWE3222J
222J
4700
1
3977
0.75
0.5
NTCASCWE3472F
472F
4700
2
3977
0.75
0.5
NTCASCWE3472G
472G
4700
5
3977
0.75
0.6
NTCASCWE3472J
472J
10 000
1
3977
0.75
0.5
NTCASCWE3103F
103F
10 000
2
3977
0.75
0.5
NTCASCWE3103G
103G
10 000
5
3977
0.75
0.6
NTCASCWE3103J
103J
12 000
5
3740
1.5
0.6
NTCASCWE3123J
123J
15 000
5
3740
1.5
0.6
NTCASCWE3153J
153J
47 000
5
4090
1.5
0.6
NTCASCWE3473J
473J
100 000
1
4190
1.5
0.5
NTCASCWE3104F
104F
100 000
2
4190
1.5
0.5
NTCASCWE3104G
104G
100 000
5
4190
1.5
0.6
NTCASCWE3104J
104J
150 000
5
4370
2.5
0.6
NTCASCWE3154J
154J
470 000
5
4570
2
0.6
NTCASCWE3474J
474J


Similar Part No. - NTCASCWE3104F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCASCWE3104F VISHAY-NTCASCWE3104F Datasheet
141Kb / 2P
NTC Thermistors, Screw Threaded Sensors
18-Dec-12
NTCASCWE3104F VISHAY-NTCASCWE3104F Datasheet
78Kb / 2P
NTC Thermistors, Screw Threaded Sensors
20-Mar-17
More results

Similar Description - NTCASCWE3104F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
23226333 VISHAY-23226333 Datasheet
81Kb / 6P
NTC Thermistors, High Temperature Sensors
10-Oct-03
232264073222 VISHAY-232264073222 Datasheet
62Kb / 1P
NTC Thermistors, Screw Threaded Sensors
10-Oct-03
232264090042 VISHAY-232264090042 Datasheet
50Kb / 2P
NTC Thermistors, Steel Capped Sensors
10-Oct-03
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
NTC Thermistors, Standard Lug Sensors
08-Aug-12
NTCASCWE3104J VISHAY-NTCASCWE3104J Datasheet
141Kb / 2P
NTC Thermistors, Screw Threaded Sensors
18-Dec-12
NTCACAP VISHAY-NTCACAP Datasheet
104Kb / 3P
NTC Thermistors, Refrigerator Sensors
03-Feb-17
NTCASCWE3 VISHAY-NTCASCWE3_17 Datasheet
78Kb / 2P
NTC Thermistors, Screw Threaded Sensors
20-Mar-17
NTCASCWE3C70001 VISHAY-NTCASCWE3C70001 Datasheet
98Kb / 4P
NTC Thermistors, Screw Threaded Insulated Leads Sensors
17-Jun-2020
NTCACAP VISHAY-NTCACAP_V01 Datasheet
102Kb / 3P
NTC Thermistors, Refrigerator Sensors
03-Feb-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com