Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4525ARZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADR4525ARZ-R7
Description  Ultralow Noise, High Accuracy Voltage References
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4525ARZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR4525ARZ-R7 Datasheet HTML 6Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 7Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 8Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 9Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 10Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 11Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 12Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 13Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Data Sheet
Rev. D | Page 10 of 40
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 9.
Parameter
Rating
Supply Voltage
16 V
Operating Temperature Range
−40°C to +125°C
ADR4525, ADR4540, ADR4550
C and D Grade Only
0°C to 70°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature Range
−65°C to +150°C
Electrostatic Discharge (ESD) Human
Body Model (HBM)
6 kV
Moisture Sensitivity Level Rating
MSL-1
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to
PCB thermal design is required.
Table 10. Thermal Resistance
Package Type
θJA
θJC1
Unit
8-Lead SOIC2
1-Layer JEDEC Board
N/A3
63
°C/W
2-Layer JEDEC Board
120
N/A3
°C/W
8- Lead LCC
120
N/A3
°C/W
1
For the θJC test, 100 μm thermal interface material (TIM) is used. TIM is
assumed to have 3.6 W/mK.
2
Thermal impedance simulated values are based on a JEDEC thermal test
board. See JEDEC JESD51.
3
N/A means not applicable.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com