Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4525ARZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADR4525ARZ-R7
Description  Ultralow Noise, High Accuracy Voltage References
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4525ARZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADR4525ARZ-R7 Datasheet HTML 7Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 8Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 9Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 10Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 11Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 12Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 13Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 14Page - Analog Devices ADR4525ARZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Data Sheet
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Rev. D | Page 11 of 40
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NIC
1
VIN 2
NIC
3
GND
4
DNC
8
NIC
7
VOUT
6
NIC
5
ADR4520/ADR4525/
ADR4530/ADR4533/
ADR4540/ADR4550
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
THIS PIN IS NOT CONNECTED INTERNALLY.
2. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
Figure 3. 8-Lead SOIC Pin Configuration
Table 11. 8-Lead SOIC Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NIC
Not Internally Connected. This pin is not connected internally.
2
VIN
Input Voltage Connection.
3
NIC
Not Internally Connected. This pin is not connected internally.
4
GND
Ground.
5
NIC
Not Internally Connected. This pin is not connected internally.
6
VOUT
Output Voltage.
7
NIC
Not Internally Connected. This pin is not connected internally.
8
DNC
Do Not Connect. Do not connect to this pin.
1
2
3
7
6
5
8
4
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
THIS PIN IS NOT CONNECTED INTERNALLY.
2. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
DNC
VIN
GNDFORCE
N I C
VOUTSENSE
VOUTFORCE
DNC
GNDSENSE
ADR4520/ADR4525/
ADR4530/ADR4533/
ADR4540/ADR4550
Figure 4. 8-Lead LCC Pin Configuration
Table 12. 8-Lead LCC Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NIC
Not Internally Connected. This pin is not connected internally.
2
VIN
Input Voltage Connection.
3
GNDFORCE
Ground connection
4
GNDSENSE
Ground sensing connection. Connect directly to the ground connection of the load device
5
NIC
Not Internally Connected. This pin is not connected internally.
6
VOUTSENSE
Reference Voltage Output.
7
VOUTFORCE
Reference Voltage Output sensing connection. Connect directly to the voltage input of the load device
8
DNC
Do Not Connect. Do not connect to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com