Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTCLL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PTCLL
Description  PTC Thermistors, Time Delay for Lighting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCLL Datasheet(HTML) 1 Page - Vishay Siliconix

  PTCLL Datasheet HTML 1Page - Vishay Siliconix PTCLL Datasheet HTML 2Page - Vishay Siliconix PTCLL Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PTCLL
www.vishay.com
Vishay BCcomponents
Revision: 30-Nov-15
1
Document Number: 29071
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PTC Thermistors, Time Delay for Lighting
DESCRIPTION
Positive temperature coefficient (PTC) thermistors for
overload protection have proved to be the ideal electronic
ballast component for increased lamp life-time.
When the rectified mains is first applied, the PTC thermistor
is cold, so its resistance is low. The lamp voltage will be
below the necessary ignition value, so the current will flow
through the cathodes, heating them to their emission
temperature. At the same time, the PTC thermistor will heat
up to its switch temperature, whereupon its resistance will
rise rapidly, allowing the lamp voltage to reach its ignition
value and light the lamp.
Once the lamp is lit, the cathodes are fed by a
high-frequency lamp supply, to avoid flicker and improve
efficiency. The PTC thermistor plays no further part until the
lamp is switched off, whereupon it is ready to resume its
smooth-starting function.
We supply a range of lighting PTC thermistors for this
application offering a wide choice of voltage and switch
times.
FEATURES
• Reliable lamp starting, due to well defined
inrush-current generated time delay
• Accurate resistance for ease of circuit design
• Small size and durable
• Available bulk-packed or taped-on-reel
• Long life: More than 20 000 starts for a 20 W
CFL lamp
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Fluorescent lighting and lighting ballasts for:
• CFL 5 to 25 W range
• TL HF-ballasts
MOUNTING
The leads are suitable for soldering in any position. The
lacquer may cover the leads up to 1.0 mm from the seating
plane.
Notes
(1) Ignition time of the lamp approximately equals the tripping time.
(2) Specific for CFL lamp electronic starter.
(3) Specific for HF-TL ballast.
(4) Highest lamp ignition voltage should be smaller than the maximum allowable peak voltage.
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Rated voltage (RMS)
80 to 200
VRMS
Nominal switching current
150 to 500
mA
Resistance at 25 °C (
R25)
100 to 625
Ω
Tolerance on
R25 value
20 to 30
%
Maximum overload current Iol
0.5 to 1.0
A
Tripping time
0.3 to 1
s
Operating temperature range
at rated voltage
-20 to 105
°C
ELECTRICAL DATA AND ORDERING INFORMATION
R25
(Ω)
SWITCH
TEMPERATURE
(°C)
MAXIMUM
PEAK VOLTAGE (4)
(Vpeak)
TYPICAL (1)
TRIP TIME at 25 °C
CATALOG NUMBER
MIN.
MAX.
ttrip
(s)
at It
(mA)
SAP CODING
500
750
≈ 110
700
0.4
200
PTCLL05P131TBE (2)
185
300
≈ 120
700
0.5
300
PTCLL05P211TTE (2)
75
125
≈ 80
700
0.7
300
PTCLL05P251TTE (2)
225
375
≈ 105
900
0.75
300
PTCLL07P261VTE (3)
75
125
≈ 105
1 000
0.85
500
PTCLL07P421WTE (3)


Similar Part No. - PTCLL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCLL VISHAY-PTCLL Datasheet
95Kb / 3P
Thermistors, Time Delay for Lighting
30-Nov-15
PTCLL05P131TBE VISHAY-PTCLL05P131TBE Datasheet
95Kb / 3P
Thermistors, Time Delay for Lighting
30-Nov-15
PTCLL05P211TTE VISHAY-PTCLL05P211TTE Datasheet
95Kb / 3P
Thermistors, Time Delay for Lighting
30-Nov-15
PTCLL05P251TTE VISHAY-PTCLL05P251TTE Datasheet
95Kb / 3P
Thermistors, Time Delay for Lighting
30-Nov-15
PTCLL07P261VTE VISHAY-PTCLL07P261VTE Datasheet
95Kb / 3P
Thermistors, Time Delay for Lighting
30-Nov-15
More results

Similar Description - PTCLL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRF15AR102RB6RC MURATA-PRF15AR102RB6RC Datasheet
215Kb / 3P
PTC Thermistors
PRF15BC102RB6RC MURATA-PRF15BC102RB6RC Datasheet
215Kb / 3P
PTC Thermistors
PTFL04BG222Q2N34B0 MURATA-PTFL04BG222Q2N34B0 Datasheet
210Kb / 3P
PTC Thermistors
PTFL04BG471Q2N34B0 MURATA-PTFL04BG471Q2N34B0 Datasheet
210Kb / 3P
PTC Thermistors
PTFL04BH471Q2N34B0 MURATA-PTFL04BH471Q2N34B0 Datasheet
209Kb / 3P
PTC Thermistors
PTFM04BC222Q2N34BS MURATA-PTFM04BC222Q2N34BS_17 Datasheet
212Kb / 3P
PTC Thermistors
PTFM04BC471Q2N34BS MURATA-PTFM04BC471Q2N34BS_17 Datasheet
211Kb / 3P
PTC Thermistors
PTFM04BD471Q2N34BS MURATA-PTFM04BD471Q2N34BS_17 Datasheet
212Kb / 3P
PTC Thermistors
PTGLCSAS4R7K6B51B0 MURATA-PTGLCSAS4R7K6B51B0_17 Datasheet
250Kb / 3P
PTC Thermistors
logo
Vishay Siliconix
PTCLL VISHAY-PTCLL Datasheet
95Kb / 3P
Thermistors, Time Delay for Lighting
30-Nov-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com