Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTCLL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PTCLL
Description  PTC Thermistors, Time Delay for Lighting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCLL Datasheet(HTML) 2 Page - Vishay Siliconix

  PTCLL Datasheet HTML 1Page - Vishay Siliconix PTCLL Datasheet HTML 2Page - Vishay Siliconix PTCLL Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PTCLL
www.vishay.com
Vishay BCcomponents
Revision: 30-Nov-15
2
Document Number: 29071
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL ELECTRONIC BALLAST CIRCUIT
DIMENSIONS in millimeters
Dmax.
Tmax.
H3
L1
WEIGHT
(g)
FIGURES
PACKAGING
SPQ
MATERIAL ORDERING
NUMBER
5.4
4.5
10
3.5 ± 0.5
≈ 0.33
Fig. 1
Bulk
500
PTCLL05P131TBE
5.4
4.5
9
-
≈ 0.45
Fig. 2
On tape
1500
PTCLL05P211TTE
5.4
4.5
10
-
≈ 0.45
Fig. 2
On tape
1500
PTCLL05P251TTE
7.0
5.0
12
-
≈ 0.66
Fig. 2
On tape
1500
PTCLL07P261VTE
7.0
5.0
12
-
≈ 0.66
Fig. 2
On tape
1500
PTCLL07P421WTE
TAPE AND OTHER DEVICE DIMENSIONS in millimeters according IEC 60286 for tape on reel
SYMBOL
PARAMETER
DIMENSIONS
TOLERANCE
d
Lead diameter
0.6
± 0.05
P
Pitch between thermistors
12.7
± 1
F
Lead to lead distance guaranteed between component and tape
5
+0.5 / -0.2
H2
Component body to seating plane
4
± 1
H0
Lead-wire clinch height
16
± 0.5
PTC Thermistor
36 kHz
lamp
supply
Rectified mains
(310 V
DC for
230 V
AC mains)
Fluorescent
lamp
C
C
C
FET
switch
L
FET
switch
Cathode Cathode
D
T
L
1
H
3
H
2
F
d
P
T
H2
H3
h
L
d
P0
P1
FD0
W0
W2
W1
W
P
T
t
H1
H0
P
D
h



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com