Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8702SAO2V02S Datasheet(PDF) 2 Page - Schneider Electric

Part # 8702SAO2V02S
Description  NEMA Contactor, Type S, reversing, horizontal, Size 00, 9A, 1 HP at 230 VAC, single phase, 3 pole, 120 VAC coil, open style
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8702SAO2V02S Datasheet(HTML) 2 Page - Schneider Electric

  8702SAO2V02S Datasheet HTML 1Page - Schneider Electric 8702SAO2V02S Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environment
Enclosure Type
Not rated (open device)
Certifications
UL Listed
CSA
Ordering and shipping details
Category
21271 - 8702,36 SA,SB(NOT S*R,T,W)
Discount Schedule
CP1
GTIN
NULL
Nbr. of units in pkg.
1
Package weight(Lbs)
11.00 lb(US) (4.99 kg)
Returnability
No
Country of origin
MX
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
5.00 in (12.7 cm)
Package 1 width
7.13 in (18.1 cm)
Package 1 Length
5.31 in (13.5 cm)
Offer Sustainability
EU RoHS Directive
Under investigation
Contractual warranty
Warranty
18 months
2
May 16, 2022



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com