Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8702SAO2V02S Datasheet(PDF) 1 Page - Schneider Electric

Part # 8702SAO2V02S
Description  NEMA Contactor, Type S, reversing, horizontal, Size 00, 9A, 1 HP at 230 VAC, single phase, 3 pole, 120 VAC coil, open style
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8702SAO2V02S Datasheet(HTML) 1 Page - Schneider Electric

  8702SAO2V02S Datasheet HTML 1Page - Schneider Electric 8702SAO2V02S Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
NEMA Contactor, Type S, reversing,
horizontal, Size 00, 9A, 1 HP at 230
VAC, single phase, 3 pole, 120 VAC
coil, open style
8702SAO2V02S
Product availability : Non-Stock - Not normally stocked in
distribution facility
Main
Product Type
Contactor
Product Range
Type S
Contactor Type
Reversing
Complementary
NEMA Size
00
Rated Current
9 A
Number of Poles
3P
Mounting Orientation
Horizontal
Wiring Mode
4 wires
Maximum Voltage Rating
600 V AC
Phase
1 phase
Motor Type
Repulsion induction
Horsepower Rating
0.33 HP 115 V AC
1 HP 230 V AC
SCCR
Circuit-breaker 70 A maximum, SCCR: 100 kA at 480 V AC
Fuse J 60 A maximum, SCCR: 100 kA at 600 V AC
Fuse T 60 A maximum, SCCR: 100 kA at 600 V AC
Fuse RK1 60 A maximum, SCCR: 100 kA at 600 V AC
Fuse RK5 60 A maximum, SCCR: 100 kA at 600 V AC
Coil Voltage
110 V AC 50 Hz
120 V AC 60 Hz
Control Circuit Type
Separate control circuit
Control Units
No control units
Pilot Light
No indicator
Other Equipment
Fuse not supplied
Terminal Type
Screw clamp terminals
Height
5.00 in (127.00 mm)
Width
7.13 in (181.10 mm)
Depth
5.31 in (134.87 mm)
 
May 16, 2022
1


Similar Part No. - 8702SAO2V02S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8702SAO4V02S SCHNEIDER-8702SAO4V02S Datasheet
138Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 00, 9A, 2 HP at 575 VAC, 3 phase, 3 pole, 120 VAC coil, open style
May 16, 2022
8702SAO4V08 SCHNEIDER-8702SAO4V08 Datasheet
137Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 00, 9A, 2 HP at 575 VAC, 3 phase, 3 pole, 208 VAC coil, open style
May 16, 2022
More results

Similar Description - 8702SAO2V02S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8702SAO4V02S SCHNEIDER-8702SAO4V02S Datasheet
138Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 00, 9A, 2 HP at 575 VAC, 3 phase, 3 pole, 120 VAC coil, open style
May 16, 2022
8702SAO4V08 SCHNEIDER-8702SAO4V08 Datasheet
137Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 00, 9A, 2 HP at 575 VAC, 3 phase, 3 pole, 208 VAC coil, open style
May 16, 2022
8702SBO2V02S SCHNEIDER-8702SBO2V02S Datasheet
138Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 0, 18A, 2 HP at 230 VAC, single phase, 3 pole, 120 VAC coil, open style
May 16, 2022
8702SCO8V02S SCHNEIDER-8702SCO8V02S Datasheet
139Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 1, 27A, 10 HP at 575 VAC, 3 phase, 3 pole, 120 VAC coil, open style
May 16, 2022
8702SDO2V02S SCHNEIDER-8702SDO2V02S Datasheet
143Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 2, 45A, 25 HP at 575 VAC, 3 phase, 3 pole, 120 VAC coil, open style
May 16, 2022
8702SEO2V02S SCHNEIDER-8702SEO2V02S Datasheet
154Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 3, 90A, 50 HP at 575 VAC, 3 phase, 3 pole, 120 VAC coil, open style
May 16, 2022
8702SCO2V02S SCHNEIDER-8702SCO2V02S Datasheet
138Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 1, 27A, 3 HP at 230 VAC, single phase, 2 pole, 120 VAC coil, open style
May 19, 2022
8702SCO3V02 SCHNEIDER-8702SCO3V02 Datasheet
138Kb / 2P
NEMA Contactor, Type S, reversing, vertical, Size 1, 27A, 3 HP at 230 VAC, single phase, 3 pole, 120 VAC coil, open style
May 19, 2022
8702SCO5V02S SCHNEIDER-8702SCO5V02S Datasheet
138Kb / 2P
NEMA Contactor, Type S, reversing, vertical, Size 1, 27A, 3 HP at 230 VAC, single phase, 3 pole, 120 VAC coil, open style
May 19, 2022
8702SCO8V02SX1111 SCHNEIDER-8702SCO8V02SX1111 Datasheet
146Kb / 2P
NEMA Contactor, Type S, reversing, horizontal, Size 1, 27A, 10 HP at 575 VAC, 3 phase, 3 pole, 120 VAC coil, open style
May 19, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com