Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA679 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BA679
Description  RF PIN Diodes - Single in MiniMELF (SOD-80)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA679 Datasheet(HTML) 1 Page - Vishay Siliconix

  BA679 Datasheet HTML 1Page - Vishay Siliconix BA679 Datasheet HTML 2Page - Vishay Siliconix BA679 Datasheet HTML 3Page - Vishay Siliconix BA679 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BA679, BA679S
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 07-Mar-2022
1
Document Number: 85529
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RF PIN Diodes - Single in MiniMELF (SOD-80)
LINKS TO ADDITIONAL RESOURCES
FEATURES
• Wide frequency range 10 MHz to 1 GHz
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Current controlled HF resistance in adjustable attenuators
MECHANICAL DATA
Case: MiniMELF (SOD-80)
Weight: approx. 31 mg
Cathode band color: black
Packaging codes/options:
GS18/10K per 13" reel (8 mm tape), 10K/box
GS08/2.5K per 7" reel (8 mm tape), 12.5K/box
333
DDD3 D
3D Models
PARTS TABLE
PART
TYPE
DIFFERENTIATION
ORDERING CODE
TYPE MARKING
CIRCUIT
CONFIGURATION
REMARKS
BA679
zr > 5 k
Ω
BA679-GS18 or BA679-GS08
-
Single
Tape and reel
BA679S
zr > 9 k
Ω
BA679S-GS18 or BA679S-GS08
-
Single
Tape and reel
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PART
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
30
V
Forward continuous current
IF
50
mA
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air
on PC board
50 mm x 50 mm x 1.6 mm
RthJA
500
K/W
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 20 mA
VF
1V
Reverse current
VR = 30 V
IR
0.05
μA
Diode capacitance
f = 100 MHz, VR = 0 V
CD
0.5
pF
Differential forward resistance
f = 100 MHz, IF = 1.5 mA
rf
50
Ω
Reverse impedance
f = 100 MHz, VR = 0 V
BA679
zr
5k
Ω
BA679S
zr
9k
Ω
Minority carrier lifetime
IF = 10 mA, IR = 10 mA
τ
4μs


Similar Part No. - BA679

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA679 VISHAY-BA679 Datasheet
50Kb / 4P
Silicon PIN Diodes
01-Apr-99
BA679 VISHAY-BA679 Datasheet
138Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD80
12-Sep-06
BA679 VISHAY-BA679 Datasheet
83Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA679 VISHAY-BA679 Datasheet
81Kb / 4P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA679-GS08 VISHAY-BA679-GS08 Datasheet
81Kb / 4P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
More results

Similar Description - BA679

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S391D VISHAY-S391D_06 Datasheet
78Kb / 4P
RF PIN Diode - Single in MiniMELF SOD-80
16-Mar-06
BA979 VISHAY-BA979_10 Datasheet
213Kb / 5P
RF PIN Diodes - Single in QuadroMELF SOD-80
05-Aug-10
S391D VISHAY-S391D_10 Datasheet
107Kb / 4P
RF PIN Diode - Single in MiniMELF SOD-80
16-Jul-10
BA679S-GS08 VISHAY-BA679S-GS08 Datasheet
83Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA679-GS08 VISHAY-BA679-GS08 Datasheet
81Kb / 4P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA979S-GS18 VISHAY-BA979S-GS18 Datasheet
100Kb / 4P
RF PIN Diodes - Single in QuadroMELF SOD-80
21-May-12
BA679 VISHAY-BA679_15 Datasheet
83Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA679-M VISHAY-BA679-M Datasheet
95Kb / 4P
RF PIN Diodes - Single in MiniMELF SOD-80
02-Mar-15
BA679-M VISHAY-BA679-M_V01 Datasheet
88Kb / 4P
RF PIN Diodes - Single in MiniMELF (SOD-80)
07-Mar-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com