Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA679 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BA679
Description  RF PIN Diodes - Single in MiniMELF (SOD-80)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA679 Datasheet(HTML) 2 Page - Vishay Siliconix

  BA679 Datasheet HTML 1Page - Vishay Siliconix BA679 Datasheet HTML 2Page - Vishay Siliconix BA679 Datasheet HTML 3Page - Vishay Siliconix BA679 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BA679, BA679S
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 07-Mar-2022
2
Document Number: 85529
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Forward Voltage
Fig. 2 - Differential Forward Resistance vs. Forward Current
Fig. 3 - Typ. Cross Modulation Distortion vs. Frequency f2
0
0.4
0.8
1.2
1.6
0.01
0.1
1
10
100
2.0
95 9735
VF - Forward Voltage (V)
Tamb = 25 °C
Scattering Limit
0.001
0.01
0.1
1
1
10
100
1000
10 000
10
95 9734
IF - Forward Current (mA)
f > 20 MHz
Tj = 25 °C
- 80
- 60
- 40
- 20
0
20
f2 , modulated with 200 kHz, m = 100 % (MHz)
80
60
40
20
0
95 9733
- Circuit with 10 dB Attenuation
V0 =40dBmV
f1 = 100 MHz unmodulated
Π



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com