Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA982 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BA982
Description  Band Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA982 Datasheet(HTML) 1 Page - Vishay Siliconix

  BA982 Datasheet HTML 1Page - Vishay Siliconix BA982 Datasheet HTML 2Page - Vishay Siliconix BA982 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Band Switching Diodes
BA982, BA983
Vishay Semiconductors
Document Number: 85534
For technical questions within your region, please contact one of the following:
www.vishay.com
Rev. 1.6, 16-Jul-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
MECHANICAL DATA
Case: QuadroMELF SOD-80
Weight: approx. 34 mg
Cathode band color: black
Packaging codes/options:
GS18/10K per 13" reel (8 mm tape), 10K/box
GS08/2.5K per 7" reel (8 mm tape), 12.5K/box
FEATURES
• Silicon planar diodes
• Low dynamic forward resistance
• Low diode capacitance
• High reverse impedance
• QuadroMELF package
• AEC-Q101 qualified
• Compliant
to
RoHS
directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
APPLICATIONS
• Band switching in VHF-tuners
Note
(1) Tamb = 25 °C, unless otherwise specified
Note
(1) Tamb = 25 °C, unless otherwise specified
Note
(1) Tamb = 25 °C, unless otherwise specified
9612009
PARTS TABLE
PART
TYPE DIFFERENTIATION
ORDERING CODE
REMARKS
BA982
VR = 35 V, rf at IF 3 mA = max. 0.7
Ω
BA982-GS18 or BA982-GS08
Tape and reel
BA983
VR = 35 V, rf at IF 3 mA = max. 1.2
Ω
BA983-GS18 or BA983-GS08
Tape and reel
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Reverse voltage
VR
35
V
Forward continuous current
IF
100
mA
THERMAL CHARACTERISTICS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction to ambient air
On PC board
50 mm x 50 mm x 1.6 mm
RthJA
500
K/W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 55 to + 150
°C
ELECTRICAL CHARACTERISTICS (1)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA
VF
1000
mV
Reverse current
VR = 20 V
IR
50
nA
Diode capacitance
f = 100 MHz, VR = 1 V
CD1
1.5
pF
f = 100 MHz, VR = 3 V
BA982
CD2
1.25
pF
BA983
CD2
1.2
pF
Dynamic forward resistance
f = 200 MHz, IF = 3 mA
BA982
rf1
0.7
Ω
BA983
rf1
1.2
Ω
f = 200 MHz, IF = 10 mA
BA982
rf2
0.5
Ω
BA983
rf2
0.9
Ω


Similar Part No. - BA982

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA982 VISHAY-BA982 Datasheet
48Kb / 3P
Silicon Planar Diodes
01-Apr-99
BA982 VISHAY-BA982 Datasheet
178Kb / 3P
Band Switching Diodes
16-Jul-10
BA982 VISHAY-BA982_10 Datasheet
178Kb / 3P
Band Switching Diodes
16-Jul-10
More results

Similar Description - BA982

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2C856 PANASONIC-MA2C856 Datasheet
42Kb / 2P
Band Switching Diodes
logo
Vishay Siliconix
BA282 VISHAY-BA282_08 Datasheet
114Kb / 4P
Band Switching Diodes
05-Dec-07
logo
Guangdong Kexin Industr...
BA682 KEXIN-BA682 Datasheet
32Kb / 1P
Band-switching diodes
logo
Vishay Siliconix
BA682 VISHAY-BA682_10 Datasheet
62Kb / 3P
Band Switching Diodes
16-Jul-10
BA782S-V VISHAY-BA782S-V Datasheet
66Kb / 3P
Band Switching Diodes
05-Aug-10
BA682-GS08 VISHAY-BA682-GS08 Datasheet
82Kb / 5P
Band Switching Diodes
16-Mar-06
logo
Rohm
1SS356 ROHM-1SS356_17 Datasheet
1Mb / 8P
Band Switching Diodes
DAN235UFH ROHM-DAN235UFH Datasheet
1Mb / 8P
Band Switching Diodes
DAP236U ROHM-DAP236U_17 Datasheet
1Mb / 8P
Band Switching Diodes
1SS390SM ROHM-1SS390SM Datasheet
1Mb / 8P
Band Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com