Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF005M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DF005M
Description  Miniature Glass Passivated Single-Phase Bridge Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DF005M Datasheet(HTML) 2 Page - Vishay Siliconix

  DF005M Datasheet HTML 1Page - Vishay Siliconix DF005M Datasheet HTML 2Page - Vishay Siliconix DF005M Datasheet HTML 3Page - Vishay Siliconix DF005M Datasheet HTML 4Page - Vishay Siliconix DF005M Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DF005M, DF01M, DF02M, DF04M, DF06M, DF08M, DF10M
www.vishay.com
Vishay General Semiconductor
Revision: 03-Sep-2020
2
Document Number: 88571
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance from junction to ambient and from junction to lead mounted on PCB with 0.5" x 0.5" (13 mm x 13 mm) copper pads
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS SYMBOL DF005M DF01M DF02M DF04M DF06M DF08M DF10M UNIT
Maximum instantaneous
forward voltage drop per diode
1.0 A
VF
1.1
V
Maximum reverse current at
rated DC blocking voltage per
diode
TA = 25 °C
IR
5.0
μA
TA = 125 °C
500
Typical junction capacitance
per diode
4.0 V, 1 MHz
CJ
25
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
DF005M
DF01M
DF02M
DF04M
DF06M
DF08M
DF10M
UNIT
Typical thermal resistance (1)
RJA
40
°C/W
RJL
15
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
DF06M-E3/45
0.416
45
50
Tube



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com