Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF005M Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DF005M
Description  Miniature Glass Passivated Single-Phase Bridge Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DF005M Datasheet(HTML) 3 Page - Vishay Siliconix

  DF005M Datasheet HTML 1Page - Vishay Siliconix DF005M Datasheet HTML 2Page - Vishay Siliconix DF005M Datasheet HTML 3Page - Vishay Siliconix DF005M Datasheet HTML 4Page - Vishay Siliconix DF005M Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DF005M, DF01M, DF02M, DF04M, DF06M, DF08M, DF10M
www.vishay.com
Vishay General Semiconductor
Revision: 03-Sep-2020
3
Document Number: 88571
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Derating Curve Output Rectified Current
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Per Diode
Fig. 3 - Typical Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Leakage Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance Per Diode
Fig. 6 - Typical Transient Thermal Impedance
20
40
60
80
100
120
140 150
0
0.5
1.0
60 Hz
Resistive or
Inductive Load
P.C.B. Mounted on
0.51 x 0.51" (13 x 13 mm)
Copper Pads with 0.06"
(1.5 mm) Lead Length
Ambient Temperature (°C)
1
10
100
0
10
20
30
40
50
60
1.0 Cycle
T
J = 150 °C
Single Sine-Wave
Number of Cycles at 60 Hz
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
10
Instantaneous Forward Voltage (V)
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
0
20
40
60
80
100
0.01
0.1
1
10
100
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
1
10
100
1
10
100
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Reverse Voltage (V)
0.01
0.1
1
10
100
0.1
1
10
100
t - Heating Time (s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com