Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32101 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP32101
Description  Evaluation Board Manual
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32101 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP32101 Datasheet HTML 1Page - Vishay Siliconix SIP32101 Datasheet HTML 2Page - Vishay Siliconix SIP32101 Datasheet HTML 3Page - Vishay Siliconix SIP32101 Datasheet HTML 4Page - Vishay Siliconix SIP32101 Datasheet HTML 5Page - Vishay Siliconix SIP32101 Datasheet HTML 6Page - Vishay Siliconix SIP32101 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SiP32101
www.vishay.com
Vishay Siliconix
Revision: 13-Mar-14
5
Document Number: 62935
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LAB EXPERIMENT RESULT
BILL OF MATERIAL
PATTERN
QUANTITY
COMPONENTS
DESIGNATION
DESCRIPTION
PART NUMBER
0603
1R1
1 k
Ω 0603 ± 1%
Generic
0603
1
R2
47.5
Ω 0603 ± 1%
Generic
0603
1R3
1 k
Ω 0603 ± 1%
Generic
0805
1
C1
0.1 μF 0805 ± 20%
Generic
0805
1
C2
0.1 μF 0805 ± 20%
Generic
-
2
SW1, SW2, SW3
2 pin, 2.5 mm pitch header pin
Generic
-
1
SW3
3 pin, 2.5 mm pitch header pin
Generic
BGA4x3
1
U1
SiP32101 device
SiP32101
-
5
J1 to J5
Test pin
Generic
-
1
SiP32101 PCB
Evaluation PCB
Generic
Enable Power Up
Input Voltage:5.5V
Output Load:2 Ohm
Yellow: Output Voltage
Port B
Red: Enable Voltage
Blue: Output Current
Green: Input Voltage Port
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com