Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32101 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP32101
Description  Evaluation Board Manual
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32101 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP32101 Datasheet HTML 1Page - Vishay Siliconix SIP32101 Datasheet HTML 2Page - Vishay Siliconix SIP32101 Datasheet HTML 3Page - Vishay Siliconix SIP32101 Datasheet HTML 4Page - Vishay Siliconix SIP32101 Datasheet HTML 5Page - Vishay Siliconix SIP32101 Datasheet HTML 6Page - Vishay Siliconix SIP32101 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SiP32101
www.vishay.com
Vishay Siliconix
Revision: 13-Mar-14
1
Document Number: 62935
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Evaluation Board Manual
THE CHIP
DESCRIPTION
The SiP32101 bidirectional battery switch features reverse
blocking capability to isolate the battery from the system.
The internal switch has an ultra-low 6.5 m
Ω (typ. at 3.3 V)
on-resistance and operates from a +2.3 V to +5.5 V input
voltage range, making the device ideal battery-disconnect
switch for high-capacity battery applications. The SiP32101
has slew rate control, making it ideal in large load capacitor
as well as high-current load switching applications. The
device also has ultra low operation current. Its shutdown
current is of 10 pA (typ.) and quiescent current of 15 pA. The
SiP32101 is logic low enable. It can interface with low
voltage control signal directly. The SiP32101 is available
in an ultra compact 12 bump WCSP package with top
size lamination. The device operates over the temperature of
-40 °C to +85 °C.
FEATURES
• Bi-directional ON and OFF
• Ultra low Ron, 6.5 m
Ω (typ.) at 3.3 V
• Wide input voltage, 2.3 V to 5.5 V
• Slew rate controlled turn on
• Ultra-low quiescent current: 15 pA
• EN pin with integrated pull down resistor
• Compact WCSP12 of 1.3 mm x 1.7 mm x 0.55 mm
APPLICATIONS
• Tablets/smart phones
• Battery isolator
• Medical/healthcare systems
• Mobile meters and instruments
• Telecommunication
SIP32101 EVALUATION BOARD
SiP32101 demo board is designed to evaluate the low
RDS(on) and bidirectional function of the device.
Power Input and Output Terminals:
These power header terminals (J1 and J2) are designed for
easily hood up to the power supply and the load for the
evaluation (see fig. 1). The input voltage range for this
evaluation is from 2.3 V to 5.5 V. The header J1 is Power Port
B. The header J2 is Power Port A. To measure the device
resistance, please probe the voltage at K-B (J4) and K-A (J3)
illustrated at “Power Port Voltage Sense” section.
CONNECTION AND SIGNAL TEST POINTS
Fig. 1
Power Port B
Power Port A
Power Port B
Voltage Sense
Power Port A
Voltage Sense
GND
Power Port B
EN Pin
Power Port A


Similar Part No. - SIP32101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32101 VISHAY-SIP32101 Datasheet
180Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
SIP32101 VISHAY-SIP32101 Datasheet
179Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
SiP32101DB-T1-GE1 VISHAY-SiP32101DB-T1-GE1 Datasheet
180Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
SIP32101DB-T1-GE1 VISHAY-SIP32101DB-T1-GE1 Datasheet
179Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
SiP32101EVB VISHAY-SiP32101EVB Datasheet
180Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
More results

Similar Description - SIP32101

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com