Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLD36SZ Datasheet(PDF) 1 Page - ETA-USA

Part # PLD36SZ
Description  120 WATT AC-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

PLD36SZ Datasheet(HTML) 1 Page - ETA-USA

  PLD36SZ Datasheet HTML 1Page - ETA-USA PLD36SZ Datasheet HTML 2Page - ETA-USA PLD36SZ Datasheet HTML 3Page - ETA-USA PLD36SZ Datasheet HTML 4Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ETA-USA Tel: 408-778-2793 Fax: 408-779-2753 e-mail: sales@eta-usa.com
Output Table
Input Table
120 WATT
AC-DC
CONVERTER
WATTS
SERIES
PART NUMBER
INPUT (DC)
VOLTAGE (DC)
CURRENT
EFFICIENCY
PLD12SZ
85V~132V
12V
9A
83%
120W
PLD-SX
PLD24SZ
85V~132V
24V
5A
83%
PLD36SZ
85V132V
36V
3.4A
83%
Speci f i cat i ons<AC/DC>
PLD**SZ
120WATTS(Peak 180W)/SINGLE
Input Voltage
Input Range
Input Frequency
Input Frequency Range
Phase
Inrush Current
*1
47-440Hz
Single
15A(maximum)at AC100V/30A(maximum) at AC200V
Input  Characteristic
AC100/200V
AC85-132/170-264V
50/60Hz
Model
PLD12SZ
PLD24SZ
PLD36SZ
Efficiency Curve
PLD-SZ SERIES


Similar Part No. - PLD36SZ

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
PLD WAVELENGTH-PLD Datasheet
2Mb / 21P
Laser Diode Drivers
logo
PANDUIT CORP.
PLD-12 PANDUIT-PLD-12 Datasheet
183Kb / 1P
Electrical Labels in Dispenser
logo
Mean Well Enterprises C...
PLD-16 MEANWELL-PLD-16 Datasheet
106Kb / 3P
16W Single Output LED Power Supply
PLD-16-1050 MEANWELL-PLD-16-1050 Datasheet
201Kb / 3P
16W Single Output LED Power Supply
PLD-16-1400 MEANWELL-PLD-16-1400 Datasheet
201Kb / 3P
16W Single Output LED Power Supply
More results

Similar Description - PLD36SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME30-MAZ AIMTEC-AME30-MAZ Datasheet
1Mb / 3P
30 Watt | AC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ Datasheet
287Kb / 4P
15 Watt | AC-DC Converter
AMEC15-MAZ AIMTEC-AMEC15-MAZ Datasheet
585Kb / 5P
15 Watt | AC-DC Converter
AMEC30-MAZ AIMTEC-AMEC30-MAZ_1 Datasheet
604Kb / 4P
30 Watt | AC/DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ Datasheet
330Kb / 3P
10 Watt | AC-DC Converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
5 Watt | AC-DC Converter
logo
ETA-USA
OBS3.3SA-U ETA-USA-OBS3.3SA-U Datasheet
1Mb / 5P
10 WATT AC-DC CONVERTER
BNME-SA ETA-USA-BNME-SA Datasheet
263Kb / 2P
15 WATT AC-DC CONVERTER
BNTE-SA ETA-USA-BNTE-SA Datasheet
655Kb / 5P
30 WATT AC-DC CONVERTER
BWM-SA ETA-USA-BWM-SA Datasheet
395Kb / 3P
15 WATT AC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com