Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLD36SZ Datasheet(PDF) 2 Page - ETA-USA

Part # PLD36SZ
Description  120 WATT AC-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

PLD36SZ Datasheet(HTML) 2 Page - ETA-USA

  PLD36SZ Datasheet HTML 1Page - ETA-USA PLD36SZ Datasheet HTML 2Page - ETA-USA PLD36SZ Datasheet HTML 3Page - ETA-USA PLD36SZ Datasheet HTML 4Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ETA-USA Tel: 408-778-2793 Fax: 408-779-2753 e-mail: sales@eta-usa.com
PLD**SZ Specification
Specifications<AC/DC>
PLD**SZ
120WATTS(Peak 180W)/SINGLE
Output Voltage [V]
12
24
36
Output Current [A]
9(Peak 15.0)
5.0(Peak 7.5)
3.4(Peak 5.0)
Voltage Adjust Range
Ripple and Noise [mVp-p](maximum) *3
220
340
460
Regulation
Statistic Line Regulation [mV](maximum)
96
192
288
Statistic Load Regulation [mV](maximum)
108
216
324
Temperature Coefficient *4
Drift[mV](maximum) *5
75
135
195
Dynamic Load Regulation [mV](typical) *6
360
720
1080
Recovery Time *6
Rise up time
Hold up time
15.5
7.5
5.0
13.2
26.4
39.6
Remote Sense
Parallel/series Operation
Operating Temperature *7
Operating Humidity
Storage Temperature
Storage Humidity
Shock
Cooling
? Leakage Current
? Line Conducted Noise
? Safety
Weight (typical)
? MTBF [H]
? Sw itching Frequency[kHz](typical)
490g/enclosed type:600g
620,000
80
294m/s2
Convection
1mA(maximum) at 25℃,rated input/output and rated input frequency
Built to meet FCC Part15-B Class B
Isolation Resistance
Primary-Secondary-Frame Ground 50MΩ(minimum) by DC500V insulation tester
Vibration
5-10Hz:10mm double amplitude,10-55Hz:19.6m/s2,20minutes' period for 60minutes
each along X,Y,Z axes(non-operating)
500mS(maximum) at 25℃ and rated input/output
20mS(minimum) at 25℃ and rated input/output
Functions
Overcurrent Protection [A](minimum)
Current Limiting w ith automatic recovery
0.03%/℃
0.5mS(typical)
Model
PLD12SZ
PLD24SZ
PLD36SZ
Output Characteristic
+/- 10% of Rated Output Voltage(at no load w ithin the input range)
Overvoltage Protection ≧110% of Rated
Output Voltage[V]
Output shutdow n(to reset,leave 1minute after shut-off)
not available
not available
Environmental
0 to +50℃
85%RH(non-condensing)
-40 to +85℃
85%RH(non-condensing)
Withstanding Voltage
Primary-Secondary
AC2,500V for 1minute
Primary-Frame Ground AC2,500V for 1minute
Secondary-Frame Ground AC500V for 1minute
*5 for 7hour period after 1hour w arm-up at 25℃ and rated input/output
*6 w hen output current changed from 25% and 75% of rated output current rapidly at AC100/200V input
Conditions:
*1 at cold start
*2 at AC100/200V input and at 25℃
*3 measured by a bayonet probe at output connector at 0 to 100MHz bandw idth
*4 at -5 to +50℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com