Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5816C Datasheet(PDF) 45 Page - Microchip Technology

Part # USB5816C
Description  6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 DFP
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5816C Datasheet(HTML) 45 Page - Microchip Technology

Back Button USB5816C Datasheet HTML 41Page - Microchip Technology USB5816C Datasheet HTML 42Page - Microchip Technology USB5816C Datasheet HTML 43Page - Microchip Technology USB5816C Datasheet HTML 44Page - Microchip Technology USB5816C Datasheet HTML 45Page - Microchip Technology USB5816C Datasheet HTML 46Page - Microchip Technology USB5816C Datasheet HTML 47Page - Microchip Technology USB5816C Datasheet HTML 48Page - Microchip Technology USB5816C Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00003186C-page 45
USB5816C
8.8.2
BILLBOARD ENDPOINT FUNCTIONALITY
When the applicable
GPIOx pin is 0, which indicates that Billboard device must be displayed, the following sequence
of events will occur:
1. USB5816C will force the Hub Feature Controller internal device to disconnect from the USB Hub port (emulating
a physical detach)
2. USB5816C will force the Hub Feature Controller to re-connect with descriptors that will show the Hub Feature
Controller endpoint is a Billboard device, compliant to version 1.1 of the Billboard device class specification.
3. USB5816C will start a timer (Timer A) when the Host sets the Hub Feature Controller USB address. This timer
will be used to ensure that the Billboard endpoint will not remain permanently attached if it is never accessed.
The default Timer A timeout is 20 seconds.
4. This implementation will only support Billboard when a failure occurs, therefore the Device Container uses a
static list of device capabilities and will only expose the Billboard Device on failure to enter into Modal Operation
and will set the
bmConfigured descriptor field to “Unspecified Error” (00b) by default.
5. The Hub Feature Controller will Provide the iAlternateModeString when the host requests it, and will start a timer
(Timer B). The default Timer B timeout is 20 seconds.
6. When either timer expires, the USB5816C will force the Hub Feature Controller internal device to disconnect from
the USB Hub port (emulating a physical detach).
7. USB5816C will force the Hub Feature Controller to re-connect with the standard Hub Feature Controller Func-
tionality.
TABLE 8-11: TIMER A: BILLBOARD DETACH TIMER LSB
DETACH_TIMER_A_LSB
(413Ch)
Billboard Detach Timer A LSB
BIT
Name
R/W
Description
7:0
TIMEOUT
R/W
Timer A is started as soon as the Hub Feature Controller’s Billboard
Class Device address is set by the host. Once the timer expires, the
Billboard Class Device will automatically detach from the host and re-
attach as the default WinUSB device.
Increments of 10ms can be set.
The default value of 413Ch = D0h, 413Dh = 07h is equivalent to a 20s
timeout. (07D0h = 2000d)
TABLE 8-12: TIMER A: BILLBOARD DETACH TIMER MSB
DETACH_TIMER_A_MSB
(413Dh)
Billboard Detach Timer A MSB
BIT
Name
R/W
Description
7:0
TIMEOUT
R/W
Timer A is started as soon as the Hub Feature Controller’s Billboard
Class Device address is set by the host. Once the timer expires, the
Billboard Class Device will automatically detach from the host and re-
attach as the default WinUSB device.
Increments of 10ms can be set.
Note:
The default value of 413Ch = D0h, 413Dh = 07h is equiv-
alent to a 20s timeout. (07D0h = 2000d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com