Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5816CT/KD Datasheet(PDF) 60 Page - Microchip Technology

Part # USB5816CT/KD
Description  6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 DFP
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5816CT/KD Datasheet(HTML) 60 Page - Microchip Technology

Back Button USB5816CT/KD Datasheet HTML 56Page - Microchip Technology USB5816CT/KD Datasheet HTML 57Page - Microchip Technology USB5816CT/KD Datasheet HTML 58Page - Microchip Technology USB5816CT/KD Datasheet HTML 59Page - Microchip Technology USB5816CT/KD Datasheet HTML 60Page - Microchip Technology USB5816CT/KD Datasheet HTML 61Page - Microchip Technology USB5816CT/KD Datasheet HTML 62Page - Microchip Technology USB5816CT/KD Datasheet HTML 63Page - Microchip Technology USB5816CT/KD Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
USB5816C
DS00003186C-page 60
2022 Microchip Technology Inc. and its subsidiaries
FIGURE 11-2:
100-VQFN PACKAGE (DIMENSIONS)
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
3.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Sheet 2 of 2
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Exposed Pad Width
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
A3
e
L
E
N
0.40 BSC
0.20 REF
7.90
0.50
0.15
0.80
0.00
0.20
0.60
8.00
0.90
0.02
12.00 BSC
MILLIMETERS
MIN
NOM
100
8.10
0.70
0.25
1.00
0.05
MAX
K
1.40 REF
Terminal-to-Exposed-Pad
Overall Length
Exposed Pad Length
D
D2
CH
0.35 REF
Exposed Pad Corner Chamfer
7.90
8.00
12.00 BSC
8.10
Microchip Technology Drawing C04-407-KD Rev C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com