Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5816CT/KD Datasheet(PDF) 61 Page - Microchip Technology

Part # USB5816CT/KD
Description  6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 DFP
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5816CT/KD Datasheet(HTML) 61 Page - Microchip Technology

Back Button USB5816CT/KD Datasheet HTML 57Page - Microchip Technology USB5816CT/KD Datasheet HTML 58Page - Microchip Technology USB5816CT/KD Datasheet HTML 59Page - Microchip Technology USB5816CT/KD Datasheet HTML 60Page - Microchip Technology USB5816CT/KD Datasheet HTML 61Page - Microchip Technology USB5816CT/KD Datasheet HTML 62Page - Microchip Technology USB5816CT/KD Datasheet HTML 63Page - Microchip Technology USB5816CT/KD Datasheet HTML 64Page - Microchip Technology USB5816CT/KD Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 66 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00003186C-page 61
USB5816C
FIGURE 11-3:
100-VQFN PACKAGE (LAND PATTERN)
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Center Pad Width
Contact Pad Spacing
Center Pad Length
Contact Pitch
Y2
X2
8.10
8.10
MILLIMETERS
0.40 BSC
MIN
E
MAX
11.70
Contact Pad Length (X100)
Contact Pad Width (X100)
Y1
X1
1.05
0.20
NOM
C1
Contact Pad Spacing
11.70
Contact Pad to Contact Pad (X96)
G2
0.20
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.33
1.20
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Contact Pad to Center Pad (X100)
G1
1.28
Microchip Technology Drawing C04-2407-KD Rev C
SILK SCREEN
C1
EV
C2
EV
Y2
X2
ØV Ø0.33
E
X1
Y1
G1
G2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com