Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315ECVRADDA Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPC8315ECVRADDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8315ECVRADDA Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPC8315ECVRADDA Datasheet HTML 17Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 18Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 19Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 20Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 21Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 22Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 23Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 24Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
21
DDR and DDR2 SDRAM
This figure shows the DDR SDRAM input AC timing for the tolerated MDQS to MDQ skew (tDISKEW)
Figure 6. Timing Diagram for tDISKEW
Note:
1. tCISKEW represents the total amount of skew consumed by the controller between MDQS[n] and any corresponding bit to
be captured with MDQS[n]. This should be subtracted from the total timing budget.
2. The amount of skew that can be tolerated from MDQS to a corresponding MDQ signal is called tDISKEW.This can be
determined by the following equation: tDISKEW =+/–(T/4 – abs(tCISKEW)) where T is the clock period and abs(tCISKEW) is
the absolute value of tCISKEW.
3. Memory controller ODT value of 150
 is recommended.
Table 19. DDR SDRAM Input AC Timing Specifications
At recommended operating conditions with GVDD of (2.5V ± 200 mV)
Parameter
Symbol
Min
Max
Unit
Note
Controller Skew for MDQS—MDQ
266 MHz
200 MHz
tCISKEW
–750
–1250
750
1250
ps
1, 2
Note:
1. tCISKEW represents the total amount of skew consumed by the controller between MDQS[n] and any corresponding bit to
be captured with MDQS[n]. This should be subtracted from the total timing budget.
2. The amount of skew that can be tolerated from MDQS to a corresponding MDQ signal is called tDISKEW. This can be
determined by the following equation: tDISKEW =+/–(T/4 – abs(tCISKEW)) where T is the clock period and abs(tCISKEW) is the
absolute value of tCISKEW.
Table 18. DDR2 SDRAM Input AC Timing Specifications
At recommended operating conditions with GVDD of (1.8 V± 100 mV)
Parameter
Symbol
Min
Max
Unit
Note
MCK[n]
MCK[n]
tMCK
MDQ[x]
MDQS[n]
tDISKEW
D1
D0
tDISKEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com