Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315ECVRADDA Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MPC8315ECVRADDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8315ECVRADDA Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MPC8315ECVRADDA Datasheet HTML 35Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 36Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 37Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 38Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 39Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 40Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 41Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 42Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
39
USB
Figure 21. SGMII AC Test/Measurement Load
10 USB
10.1
USB Dual-Role Controllers
This section provides the AC and DC electrical specifications for the USB-ULPI interface.
10.1.1
USB DC Electrical Characteristics
This table lists the DC electrical characteristics for the USB interface.
10.1.2
USB AC Electrical Specifications
This table lists the general timing parameters of the USB-ULPI interface.
Table 39. USB DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2
LVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current
IIN
—±5
A
High-level output voltage, IOH = –100 AVOH
LVDD – 0.2
—
V
Low-level output voltage, IOL = 100 AVOL
—0.2
V
Note:
1. The symbol VIN, in this case, represents the NVIN symbol referenced in Table 1 and Table 2.
Table 40. USB General Timing Parameters
Parameter
Symbol 1
Min
Max
Unit
Note
USB clock cycle time
tUSCK
15
—
ns
1, 2
Input setup to USB clock—all inputs
tUSIVKH
4—
ns
1, 4
Input hold to USB clock—all inputs
tUSIXKH
1—
ns
1, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com