Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP301 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP301
Description  RS-232/RS-422 Line Drivers/Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP301 Datasheet(HTML) 1 Page - Sipex Corporation

  SP301 Datasheet HTML 1Page - Sipex Corporation SP301 Datasheet HTML 2Page - Sipex Corporation SP301 Datasheet HTML 3Page - Sipex Corporation SP301 Datasheet HTML 4Page - Sipex Corporation SP301 Datasheet HTML 5Page - Sipex Corporation SP301 Datasheet HTML 6Page - Sipex Corporation SP301 Datasheet HTML 7Page - Sipex Corporation SP301 Datasheet HTML 8Page - Sipex Corporation SP301 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
51
Corporation
SIGNAL PROCESSING EXCELLENCE
SP301/302
RS-232/RS-422 Line Drivers/Receivers
s RS-232 and RS-422 on One Chip
s Multiple Drivers and Receivers
s Software-selectable Modes
s Loopback for Self-Testing
s Short-circuit Protected
s 24-pin Single-width DIP or SOIC
Package
DESCRIPTION…
The SP301 and SP302 are proprietary single-chip devices that contain both RS-232 and RS-422
protocol line drivers and receivers. Their configuration may be changed at any time by logic levels
on two control lines. In any configuration, both the SP301 and SP302 fully meet the requirements
of the EIA RS-232D and RS-422 data communication standards. A loopback test mode is
provided.The SP301 and SP302 are available in 24-pin single width plastic, and 28-pin SOIC
packages for commercial and industrial temperature range operation.
RIB1
ROB1
TOB1
TIB1
RIA1
ROA1
TOA1
TIA1
SELECT
A
B
TOA2
RIA2
TOB2
TIB2
RIB2
ROB2
VDD
GND
VCC
VEE
SP302
LOOP–
BACK
Corporation
SIGNAL PROCESSING EXCELLENCE


Similar Part No. - SP301

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SP301 BURR-BROWN-SP301 Datasheet
199Kb / 16P
12-Bit, 12MHz CCD/CIS SIGNAL PROCESSOR
logo
Littelfuse
SP3010 LITTELFUSE-SP3010 Datasheet
267Kb / 5P
Ultra-Low Capacitance Diode Array for ESD Protection
SP3010 LITTELFUSE-SP3010 Datasheet
285Kb / 4P
SP3010 Series 0.45pF Rail Clamp Array
SP3010-04UTG LITTELFUSE-SP3010-04UTG Datasheet
267Kb / 5P
Ultra-Low Capacitance Diode Array for ESD Protection
logo
SeCoS Halbleitertechnol...
SP30100R SECOS-SP30100R Datasheet
287Kb / 2P
30.0AMP Schottky Barrier Rectifiers
More results

Similar Description - SP301

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP306 SIPEX-SP306 Datasheet
74Kb / 6P
RS-422/RS-423 Line Drivers/Receivers
SP304 SIPEX-SP304 Datasheet
143Kb / 12P
RS-232/RS-422 Line Drivers/Receivers
SP232A SIPEX-SP232A_05 Datasheet
206Kb / 12P
Enhanced RS-232 Line Drivers/Receivers
logo
Analog Devices
ADM206E AD-ADM206E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM207E AD-ADM207E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM208E AD-ADM208E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
ADM2023 AD-ADM2023_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com