Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP301 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP301
Description  RS-232/RS-422 Line Drivers/Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP301 Datasheet(HTML) 4 Page - Sipex Corporation

  SP301 Datasheet HTML 1Page - Sipex Corporation SP301 Datasheet HTML 2Page - Sipex Corporation SP301 Datasheet HTML 3Page - Sipex Corporation SP301 Datasheet HTML 4Page - Sipex Corporation SP301 Datasheet HTML 5Page - Sipex Corporation SP301 Datasheet HTML 6Page - Sipex Corporation SP301 Datasheet HTML 7Page - Sipex Corporation SP301 Datasheet HTML 8Page - Sipex Corporation SP301 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
54
PIN ASSIGNMENTS
VDD (+12V) 1
RIA2 2
RIA1 3
TOA2 4
TOA1 5
SELECT A 6
SELECT B 7
TOB1 8
TOB2 9
RIB1 10
RIB2 11
GND 12
24 VCC (+5V)
23 ROA2
22 ROA1
21 TIA2
20 TIA1
19 LB
18 N.C.
17 TIB1
16 TIB2
15 ROB1
14 ROB2
13 VEE (-12V)
VDD (+12V) 1
RIA2 2
RIA1 3
TOA2 4
TOA1 5
SELECT A 6
SELECT B 7
TOB1 8
TOB2 9
RIB1 10
RIB2 11
GND 12
24 VCC (+5V)
23 N.C.
22 ROA
21 N.C.
20 TIA
19 LB
18 N.C.
17 TIB
16 N.C.
15 ROB
14 N.C.
13 VEE (-12V)
VDD (+12V) 1
RIA2 2
RIA1 3
N.C. 4
TOA2 5
TOA1 6
SELECT A 7
SELECT B 8
TOB1 9
TOB2 10
N.C. 11
RIB1 12
RIB2 13
GND 14
28 VCC (+5V)
27 ROA2
26 ROA1
25 N.C.
24 TIA2
23 TIA1
22 LB
21 N.C.
20 TIB1
19 TIB2
18 N.C.
17 ROB1
16 ROB2
15 VEE (-12V)
VDD (+12V) 1
RIA2 2
RIA1 3
N.C. 4
TOA2 5
TOA1 6
SELECT A 7
SELECT B 8
TOB1 9
TOB2 10
N.C. 11
RIB1 12
RIB2 13
GND 14
28 VCC (+5V)
27 N.C.
26 ROA
25 N.C.
24 N.C.
23 TIA
22 LB
21 N.C.
20 TIB
19 N.C.
18 N.C.
17 ROB
16 N.C.
15 VEE (-12V)
FEATURES…
The SP301 and SP302 are proprietary single-
chip devices that contain both RS-232 and RS-
422 protocol line drivers and receivers. They
differ only in the total number of line drivers and
receivers of each protocol that may be active at
any given time. Their configuration may be
changed at any time by logic levels on two
control lines. In any configuration, both the
SP301 and SP302 fully meet the requirements
of the EIA RS-232D and RS-422 data commu-
nication standards.
The RS-232 line driver circuits convert TTL
logic level inputs into inverted RS-232 output
signals. The RS-422 line drivers convert TTL
logic levels into RS-422 differential output sig-
nals. The RS-422 line driver outputs feature
high source and sink current capability. All line
drivers are internally protected against short
circuits on their outputs.
The RS-232 receivers convert the EIA RS-232
input signals to inverted TTL output logic levels.
The RS-422 receivers convert the EIA RS-422
differential input signals into non-inverted TTL
output logic levels. Receiver input filtering pro-
vides excellent high frequency noise immunity.
Input pulses with widths less than 1
µs are com-
pletely ignored. The RS-232 receivers have the
additional feature of voltage hysteresis, which
helps eliminate spurious output transitions that
might result from low amplitude noise voltages
during slower-speed signal transitions.
A loopback test mode is provided that puts the
driver outputs to a high impedance tri-state
level, and routes the driver outputs to their
associated receiver inputs. In this configuration,
the signal path is non-inverting from the TTL
driver input to the receiver TTL output. This
operating mode allows the controlling system to
perform diagnostic self-test of the RS-232/RS-
422 driver/receiver circuitry at speeds up to
3,000 bits per second.
The SP301 and SP302 are available in 24-pin
single–width (0.300") plastic DIP and 28-pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com