Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5474BCZ-GP Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5474BCZ-GP
Description  Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5474BCZ-GP Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5474BCZ-GP Datasheet HTML 3Page - Analog Devices ADRF5474BCZ-GP Datasheet HTML 4Page - Analog Devices ADRF5474BCZ-GP Datasheet HTML 5Page - Analog Devices ADRF5474BCZ-GP Datasheet HTML 6Page - Analog Devices ADRF5474BCZ-GP Datasheet HTML 7Page - Analog Devices ADRF5474BCZ-GP Datasheet HTML 8Page - Analog Devices ADRF5474BCZ-GP Datasheet HTML 9Page - Analog Devices ADRF5474BCZ-GP Datasheet HTML 10Page - Analog Devices ADRF5474BCZ-GP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
ADRF5474
P
IN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 7 of 14
Figure 4. Pad Configuration
Table 6. Pad Function Descriptions
Pad No.
Mnemonic
Description
1, 3, 4, 6, 7, 11, 16 GND
Ground. Bonding of these ground pads are optional. See the Applications Information section.
2
ATTIN
Attenuator Input. No dc blocking capacitor is necessary when the RF line potential is equal to 0 V dc. See Figure 5 for the interface
schematic.
5
ATTOUT
Attenuator Output. No dc blocking capacitor is necessary when the RF line potential is equal to 0 V dc. See Figure 5 for the interface
schematic.
8
VSS
Negative Supply Input. See Figure 8 for the interface schematic.
9
VDD
Positive Supply Input. See Figure 7 for the interface schematic.
10
LE
Latch Enable Input. See the Theory of Operation section for more information. See Figure 6 for the interface schematic.
12
D2
Parallel Control Input for 2 dB Attenuator Bit. See the Theory of Operation section for more information. See Figure 6 for the
interface schematic.
13
D3
Parallel Control Input for 4 dB Attenuator Bit. See the Theory of Operation section for more information. See Figure 6 for the
interface schematic.
14
D4
Parallel Control Input for 8 dB Attenuator Bit.See the Theory of Operation section for more information. See Figure 6 for the interface
schematic.
15
D5
Parallel Control Input for 8 dB Attenuator Bit. See the Theory of Operation section for more information. See Figure 6 for the
interface schematic.
Carrier Bottom
The carrier bottom is gold metalized and must be directly attached to the ground plane using conductive epoxy.
INTERFACE SCHEMATICS
Figure 5. ATTIN and ATTOUT Interface Schematic
Figure 6. Digital Input Interface Schematic (LE, D2, D3, D4, and D5)
Figure 7. VDD Input Interface Schematic
Figure 8. VSS Input Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com