Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5474BCZ-GP Datasheet (PDF) - Analog Devices

ADRF5474BCZ-GP Datasheet PDF - Analog Devices
Part # ADRF5474BCZ-GP
Download  ADRF5474BCZ-GP Download
File Size   2083.13 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz

ADRF5474BCZ-GP Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5474BCZ-GP Datasheet PDF - Analog Devices

Part # ADRF5474BCZ-GP
Download  ADRF5474BCZ-GP Click to download

File Size   2083.13 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz

ADRF5474BCZ-GP Datasheet (HTML) - Analog Devices


ADRF5474BCZ-GP Product details

GENERAL DESCRIPTION
The ADRF5474 is a 4-bit digital attenuator with 22 dB attenuation
control range in 2 dB steps manufactured in a silicon process
attached on a gallium arsenide (GaAs) carrier substrate. The substrate
incorporates the bond pads for chip and wire assembly, and
the bottom of the device is metalized and connected to ground.
This device operates from 10 MHz to 60 GHz with better than
2.7 dB of insertion loss and excellent attenuation accuracy at
55 GHz. The ADRF5474 has a RF input power handling capability
of 23 dBm average and 24 dBm peak for all states.
The ADRF5474 requires a dual-supply voltage of +3.3 V and
−3.3 V. The device features parallel mode control, and complementary
metal-oxide semiconductor (CMOS)-/low voltage transistor to
transistor logic (LVTTL)-compatible controls.
The ADRF5474 is designed to match a characteristic impedance of 50 Ω.

FEATURES
► Ultrawideband frequency range: 10 MHz to 60 GHz
► Attenuation range: 22 dB with 2 dB steps
► Bond pads for wire bond and ribbon bond
► Low insertion loss
► 1.3 dB typical up to 20 GHz
► 2.0 dB typical up to 44 GHz
► 2.7 dB typical up to 55 GHz
► Attenuation accuracy
► ±(0.3 + 1.0% of attenuation state) typical up to 20 GHz
► ±(0.4 + 4.0% of attenuation state) typical up to 44 GHz
► ±(0.4 + 6.0% of attenuation state) typical up to 55 GHz
► Typical step error
► ±0.30 dB typical up to 20 GHz
► ±0.65 dB typical up to 44 GHz
► ±1.10 dB typical up to 55 GHz
► High input linearity
► P0.1dB: 25.5 dBm typical
► IP3: 45 dBm typical
► High RF power handling
► 23 dBm steady state and hot switching, average
► 24 dBm steady state and hot switching, peak
► Tight distribution in relative phase
► No low frequency spurious signals
► Parallel mode control, CMOS/LVTTL compatible
► RF amplitude settling time (0.1 dB of final RF output): 175 ns
► 16-pad, 2.770 mm × 1.620 mm, die on carrier [CHIP]

APPLICATIONS
► Industrial scanners
► Test and instrumentation
► Cellular infrastructure: 5G millimeterwave
► Military radios, radars, electronic counter measures (ECMs)
► Microwave radios and very small aperture terminals (VSATs)




Similar Part No. - ADRF5474BCZ-GP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5473 AD-ADRF5473 Datasheet
1Mb / 17P
Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
12/2021-Revision 0
ADRF5473BCZ AD-ADRF5473BCZ Datasheet
1Mb / 17P
Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
12/2021-Revision 0
ADRF5473BCZ-GP AD-ADRF5473BCZ-GP Datasheet
1Mb / 17P
Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
12/2021-Revision 0
ADRF5473BCZ-SX AD-ADRF5473BCZ-SX Datasheet
1Mb / 17P
Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
12/2021-Revision 0
More results


Similar Description - ADRF5474BCZ-GP

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA210-25 ALPHA-AA210-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA220-25 ALPHA-AA220-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 2 dB LSB DC-2 GHz
logo
Skyworks Solutions Inc.
AA100-59LF SKYWORKS-AA100-59LF Datasheet
187Kb / 4P
GaAs 3 Bit Digital Attenuator, 4 dB LSB 0.75-2 GHz
SKY12324-73 SKYWORKS-SKY12324-73 Datasheet
264Kb / 6P
GaAs IC 2-Bit Digital Attenuator 4 dB LSB 0.5-4 GHz
logo
Hittite Microwave Corpo...
HMC291 HITTITE-HMC291_08 Datasheet
205Kb / 6P
4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
logo
Analog Devices
ADRF5731 AD-ADRF5731 Datasheet
506Kb / 17P
2 dB LSB, 4-Bit, Silicon Digital Attenuator,
9/2018-Revision 0
ADRF5740 AD-ADRF5740 Datasheet
325Kb / 13P
2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
6/2020-Revision 0
ADRF5424 AD-ADRF5424 Datasheet
643Kb / 12P
Die-On-Carrier, Silicon SPDT Switch 100 MHz to 60 GHz
Rev. PrD
ADRF5473 AD-ADRF5473 Datasheet
1Mb / 17P
Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
12/2021-Revision 0
ADRF5700 AD-ADRF5700 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com