Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5700 Datasheet (PDF) - Analog Devices

ADRF5700 Datasheet PDF - Analog Devices
Part # ADRF5700
Download  ADRF5700 Download
File Size   2012.01 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz

ADRF5700 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5700 Datasheet PDF - Analog Devices

Part # ADRF5700
Download  ADRF5700 Click to download

File Size   2012.01 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz

ADRF5700 Datasheet (HTML) - Analog Devices


ADRF5700 Product details

GENERAL DESCRIPTION
The ADRF5700 is a silicon, 5-bit digital attenuator with 46 dB
attenuation control range in 2 dB steps.
This device operates from 100 MHz to 22 GHz with better than
2.0 dB of insertion loss and high attenuation accuracy. The
ADRF5700 supports bidirectional operation and has a RF input
power handling capability of 24 dBm average and 30 dBm peak for
all attenuation states.
The ADRF5700 requires a dual-supply voltage of +3.3 V and
−3.3 V. The device features parallel mode control, and complementary
metal-oxide semiconductor (CMOS)-/low voltage transistor to
transistor logic (LVTTL)-compatible controls.
The ADRF5700 can also operate with a single positive supply
voltage (VDD) applied while the negative supply voltage (VSS) is
tied to ground. In this operating condition, the small signal performance
is maintained while the switching characteristics, linearity, and
power handling performance are derated (see Table 2).

FEATURES
► Wideband frequency range: 100 MHz to 22 GHz
► Attenuation range: 46 dB with 2 dB steps
► Low insertion loss
► 1.6 dB typical up to 10 GHz
► 2.0 dB typical up to 20 GHz
► High attenuation accuracy
► +(0.1 + 0.5% of attenuation state) typical up to 10 GHz
► −(0.1 + 2.0% of attenuation state) typical up to 10 GHz
► +(0.1 + 0.5% of attenuation state) typical up to 20 GHz
► −(0.1 + 3.0% of attenuation state) typical up to 20 GHz
► Low step error
► ±0.2 dB typical up to 10 GHz
► ±0.3 dB typical up to 20 GHz
► High input linearity
► P0.1dB: >27 dBm typical at all attenuation states
► P1dB: >30 dBm typical at all attenuation states
► IP3: >47 dBm typical at all attenuation states
► High RF power handling
► 24 dBm steady state average
► 30 dBm steady state peak
► Consistent return loss at all attenuation states
► Tight distribution in relative phase
► No low frequency spurious signals
► Parallel mode control, CMOS/LVTTL compatible
► RF amplitude settling time (0.1 dB of final RF output): 130 ns
► 20-terminal, 3.0 mm × 3.0 mm LGA package

APPLICATIONS
► Industrial scanners
► Test and instrumentation
► Cellular infrastructure: 5G millimeterwave
► Military radios, radars, electronic counter measures (ECMs)
► Microwave radios and very small aperture terminals (VSATs)




Similar Part No. - ADRF5700

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5702 AD-ADRF5702 Datasheet
2Mb / 27P
Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
Rev. A
ADRF5702BCCZN AD-ADRF5702BCCZN Datasheet
2Mb / 27P
Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
Rev. A
ADRF5702BCCZN-R7 AD-ADRF5702BCCZN-R7 Datasheet
2Mb / 27P
Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
Rev. A
ADRF5703 AD-ADRF5703 Datasheet
2Mb / 19P
Silicon Digital Attenuator, 0.25dB LSB, 7-Bit, 9kHz to 20GHz
Rev. 0
ADRF5703BCCZN AD-ADRF5703BCCZN Datasheet
2Mb / 19P
Silicon Digital Attenuator, 0.25dB LSB, 7-Bit, 9kHz to 20GHz
Rev. 0
More results


Similar Description - ADRF5700

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA260-85 ALPHA-AA260-85 Datasheet
162Kb / 5P
GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA280-25 ALPHA-AA280-25 Datasheet
467Kb / 5P
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz
logo
Tyco Electronics
MAATSS0002 MACOM-MAATSS0002 Datasheet
303Kb / 5P
Digital Attenuator, 31.0 dB, 1 dB LSB, 5-Bit, 800 - 2500 MHz
logo
Skyworks Solutions Inc.
SKY12329-350LF SKYWORKS-SKY12329-350LF Datasheet
1Mb / 7P
SKY12329-350LF GaAs Digital Attenuator 5-Bit, 1 dB LSB 400 MHz?? GHz
logo
Advanced Semiconductor ...
AAT530B5 ASB-AAT530B5 Datasheet
249Kb / 6P
0.5 ~ 3.0 GHz LSB 1 dB, 5 Bit Digital Attenuator
September. 2013
logo
Analog Devices
ADRF5731 AD-ADRF5731 Datasheet
506Kb / 17P
2 dB LSB, 4-Bit, Silicon Digital Attenuator,
9/2018-Revision 0
ADRF5740 AD-ADRF5740 Datasheet
325Kb / 13P
2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
6/2020-Revision 0
HMC470A AD-HMC470A Datasheet
373Kb / 11P
0.1 GHz to 3 GHz,1 dB LSB, 5-Bit, GaAs Digital Attenuator
9/2017-Rev. 01.0716 to Rev. A
ADRF5473 AD-ADRF5473 Datasheet
1Mb / 17P
Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
12/2021-Revision 0
ADRF5474 AD-ADRF5474 Datasheet
2Mb / 14P
Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com