Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5703BCCZN Datasheet (PDF) - Analog Devices

ADRF5703BCCZN Datasheet PDF - Analog Devices
Part # ADRF5703BCCZN
Download  ADRF5703BCCZN Download
File Size   2524.32 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Silicon Digital Attenuator, 0.25dB LSB, 7-Bit, 9kHz to 20GHz

ADRF5703BCCZN Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5703BCCZN Datasheet PDF - Analog Devices

Part # ADRF5703BCCZN
Download  ADRF5703BCCZN Click to download

File Size   2524.32 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Silicon Digital Attenuator, 0.25dB LSB, 7-Bit, 9kHz to 20GHz

ADRF5703BCCZN Datasheet (HTML) - Analog Devices


ADRF5703BCCZN Product details

FEATURES
► Frequency range: 9kHz to 20GHz
► Attenuation range: 31.75dB with 0.25dB step size
► Low insertion loss
► 1dB typical up to 6GHz
► 1.3dB typical up to 12GHz
► 1.7dB typical up to 20GHz
► Attenuation accuracy: −(4% of the attenuation state) or +(0.1)
typical up to 20GHz
► Step error: 0.20dB typical up to 20GHz
► High linearity
► Input P0.1dB
► Attenuation state < 16dB: 33dBm typical at ATTIN
► Attenuation state ≥ 16dB: 31dBm typical at ATTIN
► Input IP3: 55dBm typical at ATTIN
► High RF power handling
► 27dBm average at ATTIN
► 30dBm peak at ATTIN
► 27dBm hot switching at ATTIN
► RF amplitude settling time (50% triggered control to 0.05dB of
final RF output): 1μs typical
► Consistent return loss at all attenuation states
► Single-supply operation with derated power handling
► No low frequency spurs and no internal voltage generation
► Serial and parallel mode control, CMOS- and LVTTL-compatible
► 24-terminal, 4.0mm × 4.0mm, land grid array (LGA) package




Similar Part No. - ADRF5703BCCZN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5700 AD-ADRF5700 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
ADRF5700BCCZN AD-ADRF5700BCCZN Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
ADRF5700BCCZN-R7 AD-ADRF5700BCCZN-R7 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
ADRF5702 AD-ADRF5702 Datasheet
2Mb / 27P
Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
Rev. A
ADRF5702BCCZN AD-ADRF5702BCCZN Datasheet
2Mb / 27P
Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
Rev. A
More results


Similar Description - ADRF5703BCCZN

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TAD5009 SPECTRUM-TAD5009 Datasheet
89Kb / 1P
7 Bit Digital Attenuator
TAD5010 SPECTRUM-TAD5010 Datasheet
582Kb / 1P
7 Bit Digital Attenuator
logo
Hittite Microwave Corpo...
HMC759LP3E HITTITE-HMC759LP3E Datasheet
471Kb / 8P
0.25 dB LSB BiCMOS MMIC 7-BIT DIGITAL ATTENUATOR, 10 - 300 MHz
HMC759LP3E HITTITE-HMC759LP3E_10 Datasheet
826Kb / 8P
0.25 dB LSB BiCMOS MMIC 7-BIT DIGITAL ATTENUATOR, 10 - 300 MHz
logo
Analog Devices
HMC1122 AD-HMC1122 Datasheet
612Kb / 15P
0.1 GHz to 6.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Attenuator
REV. 0
logo
Integrated Device Techn...
F1958 IDT-F1958 Datasheet
4Mb / 26P
7-Bit 0.25dB Digital Step At tenuator
logo
Analog Devices
ADRF5720 AD-ADRF5720 Datasheet
651Kb / 19P
Silicon Digital Attenuator, 9kHz to 40GHz
7/2018-Revision 0
ADRF5731 AD-ADRF5731 Datasheet
506Kb / 17P
2 dB LSB, 4-Bit, Silicon Digital Attenuator,
9/2018-Revision 0
logo
Renesas Technology Corp
F1958 RENESAS-F1958 Datasheet
18Mb / 27P
7-Bit 0.25dB Digital Step Attenuator 1MHz to 6GHz
logo
Analog Devices
ADRF5740 AD-ADRF5740 Datasheet
325Kb / 13P
2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
6/2020-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com