Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5702BCCZN Datasheet (PDF) - Analog Devices

ADRF5702BCCZN Datasheet PDF - Analog Devices
Part # ADRF5702BCCZN
Download  ADRF5702BCCZN Download
File Size   2887.73 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz

ADRF5702BCCZN Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5702BCCZN Datasheet PDF - Analog Devices

Part # ADRF5702BCCZN
Download  ADRF5702BCCZN Click to download

File Size   2887.73 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz

ADRF5702BCCZN Datasheet (HTML) - Analog Devices


ADRF5702BCCZN Product details

FEATURES
► Frequency range: 50MHz to 20GHz
► Attenuation range: 31.875dB with 0.125dB step size
► Low insertion loss
► 1.4dB typical up to 6GHz (5V supply)
► 1.8dB typical up to 12GHz (5V supply)
► 2.6dB typical up to 20GHz (5V supply)
► Attenuation accuracy: −(0.1 + 2.0% of attenuation state) typical
up to 20GHz
► Step error: −0.30dB typical up to 20GHz (5V supply)
► High linearity
► Input P0.1dB
► Attenuation state < 8dB: 32dBm typical (5V supply)
► Attenuation state ≥ 8dB: 29dBm typical (5V supply)
► Input IP3
► Attenuation state < 16dB): 55dBm typical (5V supply)
► Attenuation state ≥ 16dB): 50dBm typical (5V supply)
► High RF power handling
► 27dBm average (ATTIN)
► 32dBm peak (5V supply, attenuation state < 8dB)
► 29dBm peak (5V supply, attenuation state ≥ 8dB)
► 27dBm hot switching
► RF amplitude settling time (50% triggered control to 0.05dB of
final RF output): 140ns
► Consistent return loss at all attenuation states
► Single-supply operation: 5V or 3.3V
► No low frequency spurs, and no internal voltage generation
► Serial and parallel mode control, CMOS/LVTTL compatible
► 24-terminal, 4.0mm × 4.0mm, land grid array (LGA) package




Similar Part No. - ADRF5702BCCZN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5700 AD-ADRF5700 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
ADRF5700BCCZN AD-ADRF5700BCCZN Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
ADRF5700BCCZN-R7 AD-ADRF5700BCCZN-R7 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
ADRF5703 AD-ADRF5703 Datasheet
2Mb / 19P
Silicon Digital Attenuator, 0.25dB LSB, 7-Bit, 9kHz to 20GHz
Rev. 0
ADRF5703BCCZN AD-ADRF5703BCCZN Datasheet
2Mb / 19P
Silicon Digital Attenuator, 0.25dB LSB, 7-Bit, 9kHz to 20GHz
Rev. 0
More results


Similar Description - ADRF5702BCCZN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE Datasheet
945Kb / 8P
Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
RF Micro Devices
RFSA2514 RFMD-RFSA2514 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
RFSA2524 RFMD-RFSA2524 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 1dB LSB
RFSA2534 RFMD-RFSA2534 Datasheet
1,012Kb / 12P
50MHz to 4000MHz, Digital Step Attenuator
RFSA2644 RFMD-RFSA2644 Datasheet
1Mb / 12P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
50MHz to 6000MHz, Digital Step Attenuator
logo
Analog Devices
HMC540SLP3E AD-HMC540SLP3E Datasheet
1Mb / 12P
1 dB LSB SILICON MMIC 4-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 0.1 - 8 GHz
HMC1122 AD-HMC1122 Datasheet
612Kb / 15P
0.1 GHz to 6.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Attenuator
REV. 0
ADRF5731 AD-ADRF5731 Datasheet
506Kb / 17P
2 dB LSB, 4-Bit, Silicon Digital Attenuator,
9/2018-Revision 0
ADRF5740 AD-ADRF5740 Datasheet
325Kb / 13P
2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
6/2020-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com