Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-SC591 Datasheet(PDF) 96 Page - Analog Devices

Part # ADSP-SC591
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC591 Datasheet(HTML) 96 Page - Analog Devices

Back Button ADSP-SC591 Datasheet HTML 92Page - Analog Devices ADSP-SC591 Datasheet HTML 93Page - Analog Devices ADSP-SC591 Datasheet HTML 94Page - Analog Devices ADSP-SC591 Datasheet HTML 95Page - Analog Devices ADSP-SC591 Datasheet HTML 96Page - Analog Devices ADSP-SC591 Datasheet HTML 97Page - Analog Devices ADSP-SC591 Datasheet HTML 98Page - Analog Devices ADSP-SC591 Datasheet HTML 99Page - Analog Devices ADSP-SC591 Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 145 page
background image
Rev. A
|
Page 96 of 145
|
April 2022
ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594
SPI Port—SPIx_RDY Master Timing
SPIx_RDY is used to provide flow control. CPOL and CPHA are configuration bits in the SPIx_CTL register, whereas LEADX, LAGX,
and STOP are configuration bits in the SPIx_DLY register.
Table 59. SPI Port—SPIx_RDY Master Timing1
1 All specifications apply to all three SPIs.
Parameter
Conditions
Min
Max
Unit
Timing Requirement
tSRDYSCKM
Setup Time for SPIx_RDY
Deassertion Before Last Valid
Data SPIx_CLK Edge
(2 + 2 × BAUD2) × tCDU_CLKO6 +11
2 BAUD value is set using the SPIx_CLK.BAUD bits. BAUD value = SPIx_CLK.BAUD bits + 1.
ns
Switching Characteristic
tDRDYSCKM
3
3 Specification assumes the LEADX, LAGX, and STOP bits in the SPI_DLY register are zero.
Assertion of SPIx_RDY to First
SPIx_CLK Edge of Next Transfer
BAUD = 0, CPHA = 0 4.5 × tCDU_CLKO6
5.5 × tCDU_CLKO6 + 12
ns
BAUD = 0, CPHA = 1 4 × tCDU_CLKO6
5 × tCDU_CLKO6 + 12
ns
BAUD > 0, CPHA = 0 (1 + 1.5 × BAUD2) × tCDU_CLKO6
(2 + 2.5 × BAUD2) × tCDU_CLKO6 +12 ns
BAUD > 0, CPHA = 1 (1 + 1 × BAUD2) × tCDU_CLKO6
(2 + 2 × BAUD2) × tCDU_CLKO6 + 12 ns
Figure 26. SPIx_RDY Setup Before SPIx_CLK
SPIx_CLK
(CPOL = 0)
SPIx_CLK
(CPOL = 1)
tSRDYSCKM
SPIx_RDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com