Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-SC591 Datasheet(PDF) 13 Page - Analog Devices

Part # ADSP-SC591
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC591 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADSP-SC591 Datasheet HTML 9Page - Analog Devices ADSP-SC591 Datasheet HTML 10Page - Analog Devices ADSP-SC591 Datasheet HTML 11Page - Analog Devices ADSP-SC591 Datasheet HTML 12Page - Analog Devices ADSP-SC591 Datasheet HTML 13Page - Analog Devices ADSP-SC591 Datasheet HTML 14Page - Analog Devices ADSP-SC591 Datasheet HTML 15Page - Analog Devices ADSP-SC591 Datasheet HTML 16Page - Analog Devices ADSP-SC591 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 145 page
background image
Rev. A
|
Page 13 of 145
|
April 2022
ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594
• A circular autorefreshing buffer that interrupts when each
buffer becomes full
• A similar circular buffer that interrupts on fractional buf-
fers, such as at the halfway point
• The 1D DMA uses a set of identical ping pong buffers
defined by a linked ring of two-word descriptor sets, each
containing a link pointer and an address
• The 1D DMA uses a linked list of four-word descriptor sets
containing a link pointer, an address, a length, and a
configuration
• The 2D DMA uses an array of one-word descriptor sets,
specifying only the base DMA address
• The 2D DMA uses a linked list of multiword descriptor
sets, specifying all configurable parameters
Memory Direct Memory Access (MDMA)
The processor supports various memory direct memory access
(MDMA) operations, including,
• Enhanced bandwidth MDMA channels with cyclic redun-
dancy check (CRC) protection (32-bit bus width, run on
SYSCLK)
• Enhanced bandwidth MDMA channel (32-bit bus width,
runs on SYSCLK)
• Maximum bandwidth MDMA channel (64-bit bus width,
runs on SYSCLK)
Extended Memory DMA
Extended memory DMA supports various operating modes,
such as delay line (which allows processor reads and writes to
external delay line buffers and to the external memory), with
limited core interaction and scatter/gather DMA (writes to and
from noncontiguous memory blocks).
Cyclic Redundancy Check (CRC) Protection
The cyclic redundancy check (CRC) protection modules allow
system software to calculate the signature of code, data, or both
in memory, the content of memory-mapped registers, or
periodic communication message objects. Dedicated hardware
circuitry compares the signature with precalculated values and
triggers appropriate fault events.
For example, the system software initiates the signature calcula-
tion of the entire memory contents every 100 ms and compares
this with expected, precalculated values. If a mismatch occurs, a
fault condition is generated through the processor core or the
trigger routing unit.
The CRC is a hardware module based on a CRC32 engine that
computes the CRC value of the 32-bit data-words presented to
it. The source channel of the memory to memory DMA (in
memory scan mode) provides data. The data can be optionally
forwarded to the destination channel (memory transfer mode).
The main features of the CRC peripheral are as follows:
• Memory scan mode
• Memory transfer mode
• Data verify mode
• Data fill mode
• User-programmable CRC32 polynomial
• Bit and byte mirroring option (endianness)
• Fault and error interrupt mechanisms
• 1D and 2D fill block to initialize an array with constants
• 32-bit CRC signature of a block of memory or an MMR
block
Event Handling
The processors provide event handling that supports both nest-
ing and prioritization. Nesting allows multiple event service
routines to be active simultaneously. Prioritization ensures that
servicing a higher priority event takes precedence over servicing
a lower priority event.
The processors provide support for four different types of
events:
• An emulation event causes the processors to enter emula-
tion mode, allowing command and control of the
processors through the JTAG interface.
• A reset event resets the processors.
• An exception event occurs synchronously to program flow
(in other words, the exception is taken before the instruc-
tion is allowed to complete). Conditions triggered by the
SHARC+ core, such as data alignment (SIMD or long
word) or compute violations (fixed or floating point) and
illegal instructions, cause core exceptions. Conditions trig-
gered by the SEC, such as error correcting code (ECC),
parity, watchdog, or system clock, cause system exceptions.
• An interrupt event occurs asynchronously to program
flow. The interrupts are caused by input signals, timers,
and other peripherals, as well as by an explicit software
instruction.
System Event Controller (SEC)
Each SHARC+ core event controller receives interrupt requests
from the system event controller (SEC). The SEC features
include the following:
• Comprehensive system event source management, includ-
ing interrupt enable, fault enable, priority, core mapping,
and source grouping
• A distributed programming model where each system
event source control and all status fields are independent of
each other
• Determinism where all system events have the same propa-
gation delay and provide unique identification of a specific
system event source
• A completer control port that provides access to all SEC
registers for configuration, status, and interrupt and fault
services
• Global locking that supports a register level protection
model to prevent writes to locked registers
• Fault management including fault action configuration,
time out, external indication, and system reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com