Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP302CS Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP302CS
Description  RS-232/RS-422 Line Drivers/Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP302CS Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP302CS Datasheet HTML 10Page - Sipex Corporation SP302CS Datasheet HTML 11Page - Sipex Corporation SP302CS Datasheet HTML 12Page - Sipex Corporation SP302CS Datasheet HTML 13Page - Sipex Corporation SP302CS Datasheet HTML 14Page - Sipex Corporation SP302CS Datasheet HTML 15Page - Sipex Corporation SP302CS Datasheet HTML 16Page - Sipex Corporation SP302CS Datasheet HTML 17Page - Sipex Corporation SP302CS Datasheet HTML 18Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
64
SP301 CONFIGURATIONS IN LOOPBACK MODE
One-Channel Full Duplex RS-232 &
One-Channel Full Duplex RS-422
Opposite Drivers
Two-Channel Full Duplex RS-422
shown in these figures, the loopback function
internally connects the driver outputs to the
corresponding receiver inputs, and switches the
output pin to a resistive divider of 10k
Ωnominal
impedance from V
EE to ground. Receiver out-
puts are left active for signal verification.
During loopback, the receiver inputs are tied to
ground via a 5k
Ω pulldown resistor. To mini-
mize loopback errors, the receiver inputs must
be limited to
±10V swings.
RIA1
ROA
TOA1
TIA
RIB1
ROB
TOB1
TIB
RS-232 LINE DRIVER
RS-232 RECEIVER
TOA2
RIA2
SELECT A = 1
SELECT B = 0
LB = 0 (ACTIVE)
VEE
10k
10k
VEE
10k
10k
VEE
10k
10k
RS-422 LINE DRIVER
RS-422 RECEIVER
RS-422 LINE DRIVER
RS-422 RECEIVER
RIB1
ROB
RIB2
TOB1
TIB
TOB2
SELECT A = 1
SELECT B = 1
LB = 0 (ACTIVE)
VEE
10k
10k
VEE
10k
10k
RS-422 LINE DRIVER
RS-422 RECEIVER
RIA1
ROA
RIA2
TOA1
TIA
TOA2
VEE
10k
10k
VEE
10k
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com